Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN8102ACPZ-R7 Datasheet(PDF) 28 Page - Analog Devices

Part # ADN8102ACPZ-R7
Description  3.75 Gbps Quad Bidirectional CX4 Equalizer
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN8102ACPZ-R7 Datasheet(HTML) 28 Page - Analog Devices

Back Button ADN8102ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADN8102ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADN8102ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADN8102ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADN8102ACPZ-R7 Datasheet HTML 28Page - Analog Devices ADN8102ACPZ-R7 Datasheet HTML 29Page - Analog Devices ADN8102ACPZ-R7 Datasheet HTML 30Page - Analog Devices ADN8102ACPZ-R7 Datasheet HTML 31Page - Analog Devices ADN8102ACPZ-R7 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 36 page
background image
ADN8102
Rev. C | Page 28 of 36
Table 21. Output Compliance for AC-Coupled Outputs
VSW-DC (mV)
VSW-PE (mV)
PE (dB)
ITOT (mA)
OLEV 0
OLEV1
VCC=VTTO=3.3V
VCC=VTTO=2.5V
VCC=VTTO=1.8V
200
200
0.00
8
0x00
0xA2
Supported
Supported
Supported
200
300
3.52
12
0x11
0xA2
Supported
Supported
Supported
200
400
6.02
16
0x22
0xA2
Supported
Supported
Supported
200
500
7.96
20
0x33
0xA2
Supported
Supported
Supported
200
600
9.54
24
0x44
0xA2
Supported
Supported
Supported
200
700
10.88
28
0x55
0xA2
Supported
Supported
Not Supported
200
800
12.04
32
0x66
0xA2
Use TX_HDRM = 1
Use TX_HDRM = 1
Not Supported
300
300
0.00
12
0x00
0xB3
Supported
Supported
Supported
300
400
2.50
16
0x11
0xB3
Supported
Supported
Supported
300
500
4.44
20
0x22
0xB3
Supported
Supported
Supported
300
600
6.02
24
0x33
0xB3
Supported
Supported
Supported
300
700
7.36
28
0x44
0xB3
Supported
Supported
Supported
300
800
8.52
32
0x55
0xB3
Use TX_HDRM = 1
Use TX_HDRM = 1
Not Supported
300
900
9.54
36
0x66
0xB3
Not Supported
Not Supported
Not Supported
400
400
0.00
16
0x00
0xC4
Supported
Supported
Supported
400
500
1.94
20
0x11
0xC4
Supported
Supported
Supported
400
600
3.52
24
0x22
0xC4
Supported
Supported
Supported
400
700
4.86
28
0x33
0xC4
Supported
Supported
Supported
400
800
6.02
32
0x44
0xC4
Use TX_HDRM = 1
Use TX_HDRM = 1
Not Supported
400
900
7.04
36
0x55
0xC4
Not Supported
Not Supported
Not Supported
400
1000
7.96
40
0x66
0xC4
Not Supported
Not Supported
Not Supported
600
600
0.00
24
0x00
0xE6
Supported
Supported
Supported
600
700
1.34
28
0x11
0xE6
Supported
Supported
Supported
600
800
2.50
32
0x22
0xE6
Use TX_HDRM = 1
Use TX_HDRM = 1
Not Supported
600
900
3.52
36
0x33
0xE6
Not Supported
Not Supported
Not Supported
600
1000
4.44
40
0x44
0xE6
Not Supported
Not Supported
Not Supported
600
1100
5.26
44
0x55
0xE6
Not Supported
Not Supported
Not Supported
600
1200
6.02
48
0x66
0xE6
Not Supported
Not Supported
Not Supported



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com