Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN8102ACPZ-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADN8102ACPZ-R7
Description  3.75 Gbps Quad Bidirectional CX4 Equalizer
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN8102ACPZ-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADN8102ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADN8102ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADN8102ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADN8102ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADN8102ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADN8102ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADN8102ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADN8102ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADN8102ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
ADN8102
Rev. C | Page 5 of 36
TIMING SPECIFICATIONS
Table 2. I2C Timing Parameters
Parameter
Min
Max
Unit
Description
fSCL
0
400
kHz
SCL clock frequency
tHD:STA
0.6
Not applicable
μs
Hold time for a start condition
tSU:STA
0.6
Not applicable
μs
Setup time for a repeated start condition
tLOW
1.3
Not applicable
μs
Low period of the SCL clock
tHIGH
0.6
Not applicable
μs
High period of the SCL clock
tHD:DAT
0
Not applicable
μs
Data hold time
tSU:DAT
10
Not applicable
ns
Data setup time
tR
1
300
ns
Rise time for both SDA and SCL
tF
1
300
ns
Fall time for both SDA and SCL
tSU:STO
0.6
Not applicable
μs
Setup time for a stop condition
tBUF
1
Not applicable
ns
Bus free time between a stop and a start condition
CIO
5
7
pF
Capacitance for each I/O pin
tRESET
10
Not applicable
ns
Reset pulse width1
1 Reset pulse width is defined as the time RESET is held below the logic low threshold (VIL) listed in Table 1 while the DVCC supply is within the operating range in Table 1.
S
P
Sr
S
SDA
SCL
tF
tR
tF
tR
tBUF
tLOW
tHD:STA
tHD:DAT
tHIGH
tSU:DAT
tSU:STA
tSU:STO
tHD:STA
Figure 2. I2C Timing Diagram
4.0
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
5
10
15
20
25
30
35
40
45
50
TIME (ns)
tRESET
DVCC (V)
DVCC MAX LIMIT
DVCC MIN LIMIT
RESET
Figure 3. Reset Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com