Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN8102ACPZ-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # ADN8102ACPZ-R7
Description  3.75 Gbps Quad Bidirectional CX4 Equalizer
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN8102ACPZ-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADN8102ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADN8102ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADN8102ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADN8102ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADN8102ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADN8102ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADN8102ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADN8102ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADN8102ACPZ-R7 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
ADN8102
Rev. C | Page 16 of 36
THEORY OF OPERATION
INTRODUCTION
The ADN8102 is a quad, bidirectional cable and backplane
equalizer that provides both input equalization and output pre-
emphasis on both the line card and cable sides of the device.
The device supports full loopback and through connectivity
of the two unidirectional half-links, each consisting of four
differential signal pairs.
The ADN8102 offers extensively programmable output levels
and pre-emphasis as well as the ability to disable the output
current. The receivers integrate a programmable, multizero
equalizer transfer function that is optimized to compensate
either typical backplane or typical cable losses.
The I/O on-chip termination resistors are terminated to user-
settable supplies to support dc coupling in a wide range of logic
styles. The ADN8102 supports a wide core supply range; VCC
can be set from 1.8 V to 3.3 V. These features, together with
programmable output levels, allow for a wide range of dc- and
ac-coupled I/O configurations.
The ADN8102 supports several control and configuration
modes, as shown in Table 5. The pin control mode offers access
to a subset of the total feature list but allows for a much
simplified control scheme. The primary advantage of using the
serial control interface is that it allows finer resolution in setting
receive equalization, transmitter preemphasis, loss-of-signal
(LOS) behavior, and output levels.
By default, the ADN8102 starts in pin control mode. Strobing
the RESET pin sets all on-chip registers to their default values
and uses pins to configure loopback, PE, and EQ levels. In
mixed mode, loopback is still controlled through the external
pin. The user can override PE and EQ settings in mixed mode.
In serial mode, all functions are accessed through registers, and
the control pin inputs are ignored, except RESET .
The ADN8102 register set is controlled through a 2-wire, I2C
interface. The ADN8102 acts only as an I2C slave device. The 7-bit
slave address for the ADN8102 I2C interface contains the static
value b10010 for the upper four bits. The lower two bits are
controlled by the input pins, ADDR[1:0]
RECEIVE
EQUALIZATION
EQ
TRANSMIT
PRE-EMPHASIS
PE
TRANSMIT
PRE-EMPHASIS
RECEIVE
EQUALIZATION
PE
2:1
2:1
CONTROL LOGIC
ADN8102
EQ
Ix_B[3:0]
LOS_B
LB
Ox_A[3:0]
ADDR[1:0]
SCL
SDA
RESET
Ox_B[3:0]
LOS_A
Ix_A[3:0]
PE_A[1:0]
EQ_A[1:0]
EQ_B[1:0]
PE_B[1:0]
ENA
ENB
Figure 38. Simplified Functional Block Diagram
Table 5. Control Interface Mode Register
Address
Default
Register Name
Bit
Bit Name
Functionality Description
0x0F
0x00
Control
7:2
Reserved
Set to 0.
interface mode
1:0
MODE[1:0]
00 = toggle pin control. Asynchronous control through toggle pins only.
01 = Loopback control via toggle pins, equalization, and preemphasis via
register-based control through the I2C serial interface.
10 = Equalization and preemphasis via toggle pins and loopback control
via register-based control through the I2C serial interface.
11 = serial control. Register-based control through the I2C serial interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com