Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN8102ACPZ-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADN8102ACPZ-R7
Description  3.75 Gbps Quad Bidirectional CX4 Equalizer
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN8102ACPZ-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADN8102ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADN8102ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADN8102ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADN8102ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADN8102ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADN8102ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADN8102ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADN8102ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADN8102ACPZ-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
ADN8102
Rev. C | Page 14 of 36
80
70
60
50
40
30
20
10
0
0
20
40
60
DATA RATE (Hz)
Figure 30. Deterministic Jitter vs. Data Rate
100
90
80
70
60
50
40
30
20
10
0
0
0.5
1.0
1.5
2.0
2.5
DIFFERENTIAL INPUT SWING (V)
Figure 31. Deterministic Jitter vs. Differential Input Swing
100
80
60
40
20
0
–60
–40
–20
0
20
40
60
80
100
TEMPERATURE (°C)
Figure 32. Deterministic Jitter vs. Temperature
100
80
60
40
20
0
1.0
1.5
2.0
2.5
3.0
3.5
4.0
INPUT COMMON MODE (V)
VCC = 3.3V
VCC = 1.8V
Figure 33. Deterministic Jitter vs. Input Common Mode
100
80
60
40
20
0
1.0
1.5
2.0
2.5
3.0
3.5
4.0
VCC (V)
Figure 34. Deterministic Jitter vs. Supply Voltage (VCC)
100
80
60
40
20
0
1.0
1.5
2.0
2.5
3.0
3.5
4.0
VTTO (V)
VCC = 3.3V
VCC = 1.8V
Figure 35. Deterministic Jitter vs. Output Termination Voltage (VTTO)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com