Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN8102ACPZ-R7 Datasheet(PDF) 30 Page - Analog Devices

Part # ADN8102ACPZ-R7
Description  3.75 Gbps Quad Bidirectional CX4 Equalizer
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN8102ACPZ-R7 Datasheet(HTML) 30 Page - Analog Devices

Back Button ADN8102ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADN8102ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADN8102ACPZ-R7 Datasheet HTML 28Page - Analog Devices ADN8102ACPZ-R7 Datasheet HTML 29Page - Analog Devices ADN8102ACPZ-R7 Datasheet HTML 30Page - Analog Devices ADN8102ACPZ-R7 Datasheet HTML 31Page - Analog Devices ADN8102ACPZ-R7 Datasheet HTML 32Page - Analog Devices ADN8102ACPZ-R7 Datasheet HTML 33Page - Analog Devices ADN8102ACPZ-R7 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 36 page
background image
ADN8102
Rev. C | Page 30 of 36
Stencil Design for the Thermal Paddle
To effectively remove heat from the package and to enhance
electrical performance, the thermal paddle must be soldered
(bonded) to the PCB thermal paddle, preferably with minimum
voids. However, eliminating voids may not be possible because
of the presence of thermal vias and the large size of the thermal
paddle for larger size packages. Also, outgassing during the
reflow process may cause defects (splatter, solder balling) if the
solder paste coverage is too big. It is recommended that smaller
multiple openings in the stencil be used instead of one big
opening for printing solder paste on the thermal paddle region.
This typically results in 50% to 80% solder paste coverage.
Figure 47 shows how to achieve these levels of coverage.
Voids within solder joints under the exposed paddle can have
an adverse effect on high speed and RF applications, as well as
on thermal performance. Because the LFCSP package incorpo-
rates a large center paddle, controlling solder voiding within
this region can be difficult. Voids within this ground plane can
increase the current path of the circuit. The maximum size for a
void should be less than via pitch within the plane. This assures
that any one via is not rendered ineffectual when any void
increases the current path beyond the distance to the next
available via.
1.35mm × 1.35mm SQUARES
AT 1.65mm PITCH
COVERAGE: 68%
Figure 47. Typical Thermal Paddle Stencil Design
Large voids in the thermal paddle area should be avoided. To
control voids in the thermal paddle area, solder masking may be
required for thermal vias to prevent solder wicking inside the
via during reflow, thus displacing the solder away from the
interface between the package thermal paddle and thermal
paddle land on the PCB. There are several methods employed
for this purpose, such as via tenting (top or bottom side), using
dry film solder mask; via plugging with liquid photo-imagible
(LPI) solder mask from the bottom side; or via encroaching.
These options are depicted in Figure 48. In case of via tenting,
the solder mask diameter should be 100 microns larger than the
via diameter.
(A)
(B)
(D)
(C)
VIA
SOLDER
MASK
COPPER
PLATING
Figure 48. Solder Mask Options for Thermal Vias: (a) Via Tenting from the
Top; (b) Via Tenting from the Bottom; (c) Via Plugging, Bottom; and (d) Via
Encroaching, Bottom
A stencil thickness of 0.125 mm is recommended for 0.4 mm and
0.5 mm pitch parts. The stencil thickness can be increased to
0.15 mm to 0.2 mm for coarser pitch parts. A laser-cut, stainless
steel stencil is recommended with electropolished trapezoidal
walls to improve the paste release. Because not enough space is
available underneath the part after reflow, it is recommended
that no clean Type 3 paste be used for mounting the LFCSP.
Inert atmosphere is also recommended during reflow.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com