Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN8102ACPZ-R7 Datasheet(PDF) 20 Page - Analog Devices

Part # ADN8102ACPZ-R7
Description  3.75 Gbps Quad Bidirectional CX4 Equalizer
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN8102ACPZ-R7 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADN8102ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADN8102ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADN8102ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADN8102ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADN8102ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADN8102ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADN8102ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADN8102ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADN8102ACPZ-R7 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
ADN8102
Rev. C | Page 20 of 36
LOOPBACK
The ADN8102 provides loopback on both input ports (Port A:
cable interface input, and Port B: line card interface input). The
external loopback toggle pin, LB, controls the loopback of the Port
B input only (board side loopback). When loopback is asserted,
valid data continues to pass through the Port B link, but the
Port B input signals are also shunted to the Port A output to allow
testing and debugging without disrupting valid data. This
loopback, as well as loopback of the Port A input (cable side
loopback), can be programmed through the I2C interface. The
loopbacks are controlled through the I2C interface by writing to
Bit 0 and Bit 1 of the loopback control register (Register 0x02).
Bit 0 represents loopback of the Port A inputs to the Port B
outputs (cable side loopback). Bit 1 represents loopback of the
Port B inputs to the Port A outputs (board side loopback), with
high representing loopback for both bits. Bit 1 can be overridden
by the LB pin if the pin mode register is set to enable loopback
via external pin as shown in Table 5. Both input ports can be
looped back simultaneously (full loopback) by writing high to
both Bit 0 and Bit 1, but in this case, valid data is disrupted on
each channel. Figure 40 illustrates the three loopback modes.
CONTROL LOGIC
TRANSMIT
PRE-EMPHASIS
RECEIVE
EQUALIZATION
EQ
Ix_B[3:0]
LB
ADDR[1:0]
SCL
SDA
RESET
Ox_B[3:0]
LOS_A
Ix_A[3:0]
PE_A[1:0]
EQ_A[1:0]
EQ_B[1:0]
PE_B[1:0]
ENA
ENB
RECEIVE
EQUALIZATION
EQ
TRANSMIT
PRE-EMPHASIS
PE
PE
Ox_A[3:0]
CONTROL LOGIC
TRANSMIT
PRE-EMPHASIS
RECEIVE
EQUALIZATION
EQ
Ix_B[3:0]
LB
ADDR[1:0]
SCL
SDA
RESET
Ox_B[3:0]
LOS_A
Ix_A[3:0]
PE_A[1:0]
EQ_A[1:0]
EQ_B[1:0]
PE_B[1:0]
ENA
ENB
RECEIVE
EQUALIZATION
EQ
TRANSMIT
PRE-EMPHASIS
PE
PE
Ox_A[3:0]
CONTROL LOGIC
TRANSMIT
PRE-EMPHASIS
RECEIVE
EQUALIZATION
EQ
Ix_B[3:0]
LB
ADDR[1:0]
SCL
SDA
RESET
Ox_B[3:0]
LOS_A
Ix_A[3:0]
PE_A[1:0]
EQ_A[1:0]
EQ_B[1:0]
PE_B[1:0]
ENA
ENB
RECEIVE
EQUALIZATION
EQ
TRANSMIT
PRE-EMPHASIS
PE
PE
Ox_A[3:0]
CABLE SIDE LOOPBACK
BOARD SIDE LOOPBACK
FULL LOOPBACK
Figure 40. Loopback Modes of Operation
Table 12. Loopback Control Functionality
Control Mode1
LB Pin
LB[1]
LB[0]
Description
Pin Control (00 or 01)
0
X2
X
Loopback disabled
1
X
X
Board side loopback enabled
Serial Control
X
0
0
Loopback disabled
(10 or 11)
X
0
1
Cable side loopback enabled
X
1
0
Board side loopback enabled
X
1
1
Full loopback enabled
1
Refer to Table 5 for additional information regarding control mode settings.
2
X = don’t care.
Table 13. Loopback Control Register
Name
Address
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
Loopback control
0x02
LB[1]
LB[0]
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com