Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN8102ACPZ-R7 Datasheet(PDF) 24 Page - Analog Devices

Part # ADN8102ACPZ-R7
Description  3.75 Gbps Quad Bidirectional CX4 Equalizer
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN8102ACPZ-R7 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADN8102ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADN8102ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADN8102ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADN8102ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADN8102ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADN8102ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADN8102ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADN8102ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADN8102ACPZ-R7 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
ADN8102
Rev. C | Page 24 of 36
SELECTIVE SQUELCH AND DISABLE
Each transmitter is equipped with output disable and output
squelch controls. Disable is a full power-down state: the trans-
mitter current is reduced to zero, and the output pins pull up
to VTTO, but there is a delay of approximately 1 µs associated
with re-enabling the transmitter. The output disable control is
accessed through the EN bit (Bit 4) of the OUT_A/OUT_B
configuration registers through the I2C control interface.
Squelch is not a full power-down state but a state in which only
the output current is reduced to zero and the output pins pull
up to VTTO, and there is a much smaller delay to bring back the
output current. The output squelch and the output disable control
can both be accessed through the OUT_A/OUT_B squelch
control registers, with the top nibble representing the squelch
control for one entire output port, and the bottom nibble
representing the output disable for one entire output port. The
ports are disabled or squelched by writing 0s to the corresponding
nibbles. The ports are enabled by writing all 1s, which is the
default setting. For example, to squelch Port A, Register 0xC3
must be set to 0x0F. The entire nibble must be written to all 0s
for this functionality.
Table 18. Squelch and Disable Control Registers
Name
Address
Data
Default
OUT_A/
OUT_B
squelch
control
0xC3,
0xE3
SQUELCH[3:0]
DISABLE[3:0]
0xFF
Table 19. Squelch and Disable Functionality
SQUELCH[3:0]
DISABLE[3:0]
Output State
1111
1111
Enabled (default)
xxxx1
0000
Disabled
0000
1111
Squelched
1
xxxx = don’t care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com