Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN8102ACPZ-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADN8102ACPZ-R7
Description  3.75 Gbps Quad Bidirectional CX4 Equalizer
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN8102ACPZ-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADN8102ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADN8102ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADN8102ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADN8102ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADN8102ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADN8102ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADN8102ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADN8102ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADN8102ACPZ-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
ADN8102
Rev. C | Page 8 of 36
Pin No.
Mnemonic
Type
Description
28
ON_B3
I/O
High Speed Output Complement
29
OP_B3
I/O
High Speed Output
30
ENB
Control
Port B Enable
31
PE_B1
Control
Port B Output Pre-Emphasis MSB
32
PE_B0
Control
Port B Output Pre-Emphasis LSB
33
EQ_B0
Control
Port B Input Equalization LSB
34
EQ_B1
Control
Port B Input Equalization MSB
35
IN_B3
I/O
High Speed Input Complement
36
IP_B3
I/O
High Speed Input
37
VEE
Power
Negative Supply
38
IN_B2
I/O
High Speed Input Complement
39
IP_B2
I/O
High Speed Input
40
VTTI
Power
Input Termination Supply
41
IN_B1
I/O
High Speed Input Complement
42
IP_B1
I/O
High Speed Input
43
VCC
Power
Positive Supply
44
IN_B0
I/O
High Speed Input Complement
45
IP_B0
I/O
High Speed Input
46
LOS_B
Digital I/O
Port B Loss of Signal Status, Active Low
47
SDA
Control
I2C Control Interface Data Input/Output
48
SCL
Control
I2C Control Interface Clock Input
49
ADDR0
Control
I2C Control Interface Address LSB
50
ADDR1
Control
I2C Control Interface Address MSB
51
ON_A3
I/O
High Speed Output Complement
52
OP_A3
I/O
High Speed Output
53
VEE
Power
Negative Supply
54
ON_A2
I/O
High Speed Output Complement
55
OP_A2
I/O
High Speed Output
56
VTTO
Power
Output Termination Supply
57
ON_A1
I/O
High Speed Output Complement
58
OP_A1
I/O
High Speed Output
59
VCC
Power
Positive Supply
60
ON_A0
I/O
High Speed Output Complement
61
OP_A0
I/O
High Speed Output
62
ENA
Control
Port A Enable
63
PE_A0
Control
Port A Output Pre-Emphasis LSB
64
PE_A1
Control
Port A Output Pre-Emphasis MSB
EP
EPAD
Power
EPAD Must Be Connected to VEE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com