Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CT310 Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # CT310
Description  XtremeSense™ 2D TMR Angle Sensor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

CT310 Datasheet(HTML) 3 Page - Allegro MicroSystems

  CT310 Datasheet HTML 1Page - Allegro MicroSystems CT310 Datasheet HTML 2Page - Allegro MicroSystems CT310 Datasheet HTML 3Page - Allegro MicroSystems CT310 Datasheet HTML 4Page - Allegro MicroSystems CT310 Datasheet HTML 5Page - Allegro MicroSystems CT310 Datasheet HTML 6Page - Allegro MicroSystems CT310 Datasheet HTML 7Page - Allegro MicroSystems CT310 Datasheet HTML 8Page - Allegro MicroSystems CT310 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
XtremeSense™ 2D TMR Angle Sensor
CT310
3
Allegro MicroSystems
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
ABSOLUTE MAXIMUM RATINGS [1]
Characteristic
Symbol
Notes
Rating
Unit
Forward Voltage
VCOS, VSIN
6.0
V
Reverse Voltage
VRCOS, VRSIN
–0.3
V
Electrostatic Discharge Protection Level
ESD
Human Body Model (HBM) per JESD22-A114
±4.0 (min)
kV
Charged Device Model (CDM) per JESD22-C101
±1.0 (min)
kV
Maximum Magnetic Field
BMAX
≤5 minutes at TA = 25°C
±2000
G
Operating Ambient Temperature
TA
Industrial
–40 to 85
°C
Automotive (A), Extended Industral (H)
–40 to 125
°C
Storage Temperature
TSTG
–65 to 165
°C
Lead Soldering Temperature
TL
10 seconds
260
°C
[1]
Stresses exceeding the absolute maximum ratings may damage the CT310 and may not function or be operable above the recommended
operating conditions and stressing the parts to these levels is not recommended. In addition, extended exposure to stresses above the
recommended operating conditions may affect device reliability. The absolute maximum ratings are stress ratings only.
THERMAL CHARACTERISTICS
Characteristic
Symbol
Test Conditions
Value
Unit
Junction-to-Ambient Thermal Resistance
RθJA
TSSOP-8 package
234
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com