Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CT310 Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # CT310
Description  XtremeSense™ 2D TMR Angle Sensor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

CT310 Datasheet(HTML) 4 Page - Allegro MicroSystems

  CT310 Datasheet HTML 1Page - Allegro MicroSystems CT310 Datasheet HTML 2Page - Allegro MicroSystems CT310 Datasheet HTML 3Page - Allegro MicroSystems CT310 Datasheet HTML 4Page - Allegro MicroSystems CT310 Datasheet HTML 5Page - Allegro MicroSystems CT310 Datasheet HTML 6Page - Allegro MicroSystems CT310 Datasheet HTML 7Page - Allegro MicroSystems CT310 Datasheet HTML 8Page - Allegro MicroSystems CT310 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
XtremeSense™ 2D TMR Angle Sensor
CT310
4
Allegro MicroSystems
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
PINOUT DIAGRAMS AND TERMINAL LISTS
Terminal List
Number
Name
Function
1
SIN1 [1]
Differential output #1 for sine.
2
VSIN
Supply voltage for sine
3
SIN2 [1]
Differential output #2 for sine.
4
GND
Ground for sine.
5
COS2 [2]
Differential output #2 for cosine.
6
VCOS
Supply voltage for cosine
7
COS1 [2]
Differential output #1 for cosine.
8
GND
Ground for cosine.
[1]
SIN2 – SIN1 = SIN.
[2]
COS2 – COS1 = COS.
Figure 2: Nominal Differential Output, VDD = 3.0 V
SIN1
VSIN
SIN2
GND
GND
COS1
VCOS
COS2
8
7
6
5
1
2
3
4
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
90
180
270
360
Angle[°]
SIN
COS
N
S
Figure 3: TSSOP-8 – Top-Down View



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com