Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CT310 Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # CT310
Description  XtremeSense™ 2D TMR Angle Sensor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

CT310 Datasheet(HTML) 2 Page - Allegro MicroSystems

  CT310 Datasheet HTML 1Page - Allegro MicroSystems CT310 Datasheet HTML 2Page - Allegro MicroSystems CT310 Datasheet HTML 3Page - Allegro MicroSystems CT310 Datasheet HTML 4Page - Allegro MicroSystems CT310 Datasheet HTML 5Page - Allegro MicroSystems CT310 Datasheet HTML 6Page - Allegro MicroSystems CT310 Datasheet HTML 7Page - Allegro MicroSystems CT310 Datasheet HTML 8Page - Allegro MicroSystems CT310 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
XtremeSense™ 2D TMR Angle Sensor
CT310
2
Allegro MicroSystems
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
SELECTION GUIDE
Part Number [1]
Operating Temp.
Range (°C)
Automotive
Grade
Output Type
Package
Packing
CT310LS-IT8
–40 to 85
Differential
8-lead TSSOP
6.40 mm × 3.05 mm × 1.10 mm
Tape and Reel
CT310LS-AT8
–40 to 125
Grade 1
Differential
8-lead TSSOP
6.40 mm × 3.05 mm × 1.10 mm
Tape and Reel
CT310LS-HD8
–40 to 125
Differential
8-lead DFN
2.00 mm × 2.00 mm × 0.45 mm
Tape and Reel
[1] Contact Allegro Microsystems for different temperature rated TSSOP-8 or DFN-8 package offerings or direct wafer sales.
Table of Contents
Features and Benefits
........................................................... 1
Description
.......................................................................... 1
Applications
......................................................................... 1
Packages
............................................................................ 1
Functional Block Diagram
..................................................... 1
Selection Guide
................................................................... 2
Absolute Maximum Ratings
................................................... 2
Recommended Operating Conditions
..................................... 2
Pinout Diagrams and Terminal Lists
........................................ 4
Electrical Characteristics
....................................................... 6
Recommended Application Circuit
.......................................... 8
Applications Information
........................................................ 9
Package Outline Drawings
.................................................. 10
Tape and Reel Pocket Drawings and Dimensions
................... 12
Package Information
........................................................... 14
Revision History
................................................................. 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com