Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CT310 Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # CT310
Description  XtremeSense™ 2D TMR Angle Sensor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

CT310 Datasheet(HTML) 1 Page - Allegro MicroSystems

  CT310 Datasheet HTML 1Page - Allegro MicroSystems CT310 Datasheet HTML 2Page - Allegro MicroSystems CT310 Datasheet HTML 3Page - Allegro MicroSystems CT310 Datasheet HTML 4Page - Allegro MicroSystems CT310 Datasheet HTML 5Page - Allegro MicroSystems CT310 Datasheet HTML 6Page - Allegro MicroSystems CT310 Datasheet HTML 7Page - Allegro MicroSystems CT310 Datasheet HTML 8Page - Allegro MicroSystems CT310 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
The CT310 is a 2D angle sensor in a dual full-bridge configuration
fromAllegro developed on its patented XtremeSense™ 2D tunnel
magnetoresistance (TMR) technology. The operating magnetic
field for this 2D sensor is 250 to 900 G and has an angle error
less than 0.60° over temperature following a one-time offset,
gain, and phase compensation. The sensitive axes of the TMR
elements are orthogonal to each other, providing a 90° phase
separation between the sine and cosine outputs when measured
differentially. This phase separation is inherently independent
of magnet pole spacing and air gap.
The CT310 is available in an 8-lead TSSOP package, and for
space-critical applications, a low-profile and small form factor
8-lead DFN package that is 2.00 mm × 2.00 mm × 0.45 mm
in size. The packages are RoHS compliant and lead (Pb) free
with a 100% matte-tin-plated leadframe.
CT310-DS, Rev. 1
MCO-0001517
• Angle error less than 0.60° (after one-time compensation)
over full temperature range
• Dual full-bridge resistor network
• Operating magnetic field: 250 to 900 G
• Differential outputs for SIN and COS axes
• Supply voltage: 1.0 to 5.5 V
• AEC-Q100 Grade 1
XtremeSense™ 2D TMR Angle Sensor
Not to scale
CT310
FEATURES AND BENEFITS
DESCRIPTION
April 24, 2024
• Angular measurements
• Rotary and angular sensors
• BLDC motors
APPLICATIONS
FUNCTIONAL BLOCK DIAGRAM
Figure 1: CT310 Functional Block Diagram
R
R
R
R
R
R
R
R
5
7
8
4
6
2
3
1
COS2
COS1
SIN2
SIN1
VCOS
VSIN
GND
GND
PACKAGES
8-Lead DFN
8-Lead TSSOP


Similar Part No. - CT310

ManufacturerPart #DatasheetDescription
logo
Corstat Containers Inc
CT3111 CORSTATCONTAINERS-CT3111 Datasheet
460Kb / 2P
Stock Division Sets To Suit Corstat Stacking Boxes
logo
CT Micro International ...
CT3120 CTMICRO-CT3120 Datasheet
1Mb / 15P
2.5A MOSFET/IGBT Gate Driver Optocoupler
CT3120M CTMICRO-CT3120M Datasheet
1Mb / 15P
2.5A MOSFET/IGBT Gate Driver Optocoupler
CT3120MT1 CTMICRO-CT3120MT1 Datasheet
1Mb / 15P
2.5A MOSFET/IGBT Gate Driver Optocoupler
CT3120MT2 CTMICRO-CT3120MT2 Datasheet
1Mb / 15P
2.5A MOSFET/IGBT Gate Driver Optocoupler
More results

Similar Description - CT310

ManufacturerPart #DatasheetDescription
logo
RHOPOINT COMPONENTS
AAT001-10E RHOPOINT-AAT001-10E Datasheet
99Kb / 4P
TMR Angle Sensor
logo
American Electronic Com...
TMR3002 AEC-TMR3002 Datasheet
424Kb / 5P
TMR Dual-Axis Angle Sensor
TMR2001 AEC-TMR2001 Datasheet
410Kb / 4P
TMR Linear Sensor
TMR3001 AEC-TMR3001 Datasheet
418Kb / 5P
TMR Dual-Axis Angle Sensor
logo
MultiDimension Technolo...
TMR2003 MULTIDIMENSION-TMR2003 Datasheet
453Kb / 4P
TMR Linear Sensor
V1.0a
TMR3001 MULTIDIMENSION-TMR3001 Datasheet
587Kb / 5P
TMR Dual Axis Angle Sensor
V1.0a
TMR3002 MULTIDIMENSION-TMR3002 Datasheet
592Kb / 5P
TMR Dual Axis Angle Sensor
V1.0a
TMR3005 MULTIDIMENSION-TMR3005 Datasheet
696Kb / 6P
Dual-axis TMR Angle Sensor
Version 2.0
TMR4001 MULTIDIMENSION-TMR4001 Datasheet
858Kb / 8P
TMR Geartooth Sensor
Version 2.0.1
TMR308X MULTIDIMENSION-TMR308X Datasheet
1,016Kb / 9P
High Performance Automotive TMR Angle Sensor
Version 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com