Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CT310 Datasheet(PDF) 14 Page - Allegro MicroSystems

Part # CT310
Description  XtremeSense™ 2D TMR Angle Sensor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

CT310 Datasheet(HTML) 14 Page - Allegro MicroSystems

Back Button CT310 Datasheet HTML 7Page - Allegro MicroSystems CT310 Datasheet HTML 8Page - Allegro MicroSystems CT310 Datasheet HTML 9Page - Allegro MicroSystems CT310 Datasheet HTML 10Page - Allegro MicroSystems CT310 Datasheet HTML 11Page - Allegro MicroSystems CT310 Datasheet HTML 12Page - Allegro MicroSystems CT310 Datasheet HTML 13Page - Allegro MicroSystems CT310 Datasheet HTML 14Page - Allegro MicroSystems CT310 Datasheet HTML 15Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
XtremeSense™ 2D TMR Angle Sensor
CT310
14
Allegro MicroSystems
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
PACKAGE INFORMATION
Table 4: CT310 Package Information
Part Number
Package
Type
# of Leads
Package
Quantity
Lead Finish
Eco Plan [1]
MSL
Rating [2]
Operating
Temperature [3]
Device
Marking [4]
CT310LS-IT8
TSSOP
8
3000
Sn
Green & RoHS
1
–40°C to 85°C
CT310LS-IT8
YYWWSS
CT310LS-AT8
TSSOP
8
3000
Sn
Green & RoHS
1
–40°C to 125°C
CT310LS-AT8
YYWWSS
CT310LS-HD8
DFN
8
3000
Sn
Green & RoHS
1
–40°C to 125°C
310H
YWWS
[1]
RoHS is defined as semiconductor products that are compliant to the current EU RoHS requirements. It also will meet the requirement that RoHS
substances do not exceed 0.1% by weight in homogeneous materials. Green is defined as the content of chlorine (Cl), bromine (Br), and antimony
trioxide based flame retardants satisfy JS709B low halogen requirements of ≤ 1,000 ppm.
[2]
MSL Rating = Moisture Sensitivity Level Rating as defined by JEDEC standard classifications.
[3]
Package will withstand ambient temperature range of –40°C to 150°C and storage temperature range of –65°C to 165°C.
[4]
Device Marking for TSSOP is defined as CT310LS-XT8 YYWWSS where CT310LS = base part number, X = temperature code, T8 = TSSOP-8
package, YY = year, WW = work week, and SS = sequential number. DFN is defined as 300X where X = temperature code and Y = year, WW =
work week, and S = sequential number.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com