Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CT310 Datasheet(PDF) 7 Page - Allegro MicroSystems

Part # CT310
Description  XtremeSense™ 2D TMR Angle Sensor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

CT310 Datasheet(HTML) 7 Page - Allegro MicroSystems

Back Button CT310 Datasheet HTML 3Page - Allegro MicroSystems CT310 Datasheet HTML 4Page - Allegro MicroSystems CT310 Datasheet HTML 5Page - Allegro MicroSystems CT310 Datasheet HTML 6Page - Allegro MicroSystems CT310 Datasheet HTML 7Page - Allegro MicroSystems CT310 Datasheet HTML 8Page - Allegro MicroSystems CT310 Datasheet HTML 9Page - Allegro MicroSystems CT310 Datasheet HTML 10Page - Allegro MicroSystems CT310 Datasheet HTML 11Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
XtremeSense™ 2D TMR Angle Sensor
CT310
7
Allegro MicroSystems
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
ELECTRICAL CHARACTERISTICS
VDD = 3.0 V and TA = 25°C (unless otherwise specified)
Figure 9: Voltage Offset (mV/V) over Field and Temp
Figure 8: Output Voltage vs. Angle at B = 250 G
Figure 10: Differential Output Voltage (V/V)
over Field and Temp
Figure 11: Amplitude Synchronism (V/V)
over Field and Temperature
Figure 12: Orthogonality Error over Field and Temp
Figure 13: Angle Error After Compensation (25°C, 250 G)
over Field and Temp
Figures 8-12 show typical (mean, μ) performance over temperature and field to convey general performance trends for the identified
specifications.
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
250
450
650
850
1050
Field Stength [G]
µ, -40°C
µ, 25°C
µ, 125°C
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
0
60
120
180
240
300
360
Angle [°]
SINE
COSINE
0.30
0.35
0.40
0.45
0.50
0.55
0.60
250
450
650
850
1050
Field Stength [G]
µ, -40°C
µ, 25°C
µ, 125°C
0.97
0.98
0.99
1.00
1.01
1.02
1.03
250
450
650
850
1050
Field Stength [G]
µ, -40°C
µ, 25°C
µ, 125°C
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
250
450
650
850
1050
Field Stength [G]
µ, -40°C
µ, 25°C
µ, 125°C
0.0
0.2
0.4
0.6
0.8
1.0
250
450
650
850
1050
Field Stength [G]
µ, -40°C
µ, 25°C
µ, 125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com