Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CT310 Datasheet(PDF) 10 Page - Allegro MicroSystems

Part # CT310
Description  XtremeSense™ 2D TMR Angle Sensor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

CT310 Datasheet(HTML) 10 Page - Allegro MicroSystems

Back Button CT310 Datasheet HTML 6Page - Allegro MicroSystems CT310 Datasheet HTML 7Page - Allegro MicroSystems CT310 Datasheet HTML 8Page - Allegro MicroSystems CT310 Datasheet HTML 9Page - Allegro MicroSystems CT310 Datasheet HTML 10Page - Allegro MicroSystems CT310 Datasheet HTML 11Page - Allegro MicroSystems CT310 Datasheet HTML 12Page - Allegro MicroSystems CT310 Datasheet HTML 13Page - Allegro MicroSystems CT310 Datasheet HTML 14Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
XtremeSense™ 2D TMR Angle Sensor
CT310
10
Allegro MicroSystems
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
PACKAGE OUTLINE DRAWINGS
Figure 19: TSSOP-8 Package Drawing
Table 2: CT310 TSSOP-8 Package Dimensions
Symbol
Dimensions in Millimeters (mm)
Min.
Typ.
Max.
A
1.05
1.10
1.20
A1
0.05
0.10
0.15
A2
–
1.00
1.05
b
0.25
–
0.30
C
–
0.127
–
D
2.90
3.05
3.10
E
6.20
6.40
6.60
E1
4.30
4.40
4.50
e
–
0.65
–
L
0.50
0.60
0.70
y
–
–
0.076
θ
0°
4°
8°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com