Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CT310 Datasheet(PDF) 6 Page - Allegro MicroSystems

Part # CT310
Description  XtremeSense™ 2D TMR Angle Sensor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

CT310 Datasheet(HTML) 6 Page - Allegro MicroSystems

Back Button CT310 Datasheet HTML 2Page - Allegro MicroSystems CT310 Datasheet HTML 3Page - Allegro MicroSystems CT310 Datasheet HTML 4Page - Allegro MicroSystems CT310 Datasheet HTML 5Page - Allegro MicroSystems CT310 Datasheet HTML 6Page - Allegro MicroSystems CT310 Datasheet HTML 7Page - Allegro MicroSystems CT310 Datasheet HTML 8Page - Allegro MicroSystems CT310 Datasheet HTML 9Page - Allegro MicroSystems CT310 Datasheet HTML 10Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
XtremeSense™ 2D TMR Angle Sensor
CT310
6
Allegro MicroSystems
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
ELECTRICAL CHARACTERISTICS: Valid over all operating voltage, temperature and field conditions, unless otherwise specified
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
ELECTRICAL
Supply Voltage Range
VCOS,
VSIN
1.0
5.5
V
Bridge Resistance [3]
RBRIDGE TA = 25°C
3.0
4.5
6.0
Temperature Coefficient Resistance
[1][3]
TCR
–0.05
%/°C
MAGNETIC
Operating Magnetic Field
B
250
600
900
G
DIFFERENTIAL OUTPUTS
Angle Error [2] [3]
θERR
After one-time offset, amplitude, and
orthogonality correction at 25°C, 0 hour
0.30
0.60
°
Extended Range Angle Error [1] [2]
θERR_EXT
After one-time offset, amplitude, and
orthogonality correction at 25°C, 0 hour, B =
200 G
0.90
°
Angle Error Over Lifetime [4]
θERR_LIFE
After one-time offset, amplitude, and
orthogonality correction at 25°C, 0hr over
lifetime
1.0
°
Angle Error Due to Hysteresis [1] [3]
θERR_HYST
0.03
°
SIN, COS Differential Output Voltage
Peak-to-Peak [3]
VSIN_D,
VCOS_D
TA = 25°C
0.35
0.45
0.50
V/V
Temperature Coefficient of Differential
Output [1] [3]
TCVOUT
–0.16
%/°C
SIN, COS Voltage Offset [3]
VOFF_SIN,
VOFF_COS
±1
±5
mV/V
SIN, COS Amplitude Synchronism
Ratio
k
97
100
103
%
Temperature Coefficient of Amplitude
Synchronism [1] [3]
TCk
±0.005
%/°C
SIN, COS Orthogonality Error
OESIN,
OECOS
Deviation from ideal phase separation between
SIN and COS
–2
0
2
°
Noise [1] [3]
eN
fBW = 1 Hz to 10 kHz, VDD = 3.0 V
2.4
µVRMS/V
[1]
Determined by design and characterization; not tested in production.
[2]
Hysteresis error and output noise are included in the Angular Error specification.
[3]
Typical values represent 3σ performance unless otherwise specified.
[4]
Angle Error over Lifetime assumes the maximum observed angle error drift due to AEC-Q100 Grade 1 stress, relative to zero hour performance..



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com