Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VOL-PCC-R Datasheet(PDF) 32 Page - 3M Electronics

Part # VOL-PCC-R
Description  Solutions for Enterprise Networks
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

VOL-PCC-R Datasheet(HTML) 32 Page - 3M Electronics

Back Button VOL-PCC-R Datasheet HTML 28Page - 3M Electronics VOL-PCC-R Datasheet HTML 29Page - 3M Electronics VOL-PCC-R Datasheet HTML 30Page - 3M Electronics VOL-PCC-R Datasheet HTML 31Page - 3M Electronics VOL-PCC-R Datasheet HTML 32Page - 3M Electronics VOL-PCC-R Datasheet HTML 33Page - 3M Electronics VOL-PCC-R Datasheet HTML 34Page - 3M Electronics VOL-PCC-R Datasheet HTML 35Page - 3M Electronics VOL-PCC-R Datasheet HTML 36Page - 3M Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 62 page
background image
1.1
Copper Cabling
1.1.5
Volition™ Cat 7 & Backbone Cat 5 Cables
Type/Order Text
Ref.-No.
Volition™ Cat 7 Cable, 100 Ohms
30
Cable SFTP, Category 7, LS0H
Volition™ Cat 7 Cable, SFTP, LSOH, 4 pairs, 500 m Drum
VOL-7SSL4-500
PU: 500 m/drum, MOQ: 1
Volition™ Cat 7 Cable, SFTP, LSOH, 4 pairs, 1000 m Drum
VOL-7SSL4-1000
PU: 1000 m/drum, MOQ: 1
Volition™ Cat 7 Cable, SFTP, LSOH, 2x4 pairs, 500 m Drum
VOL-7SSL8-500
PU: 500 m/drum, MOQ: 1
Volition™ Cat 7 Cable, SFTP, LSOH, 2x4 pairs, 1000 m Drum
VOL-7SSL8-1000
PU: 1000 m/drum, MOQ: 1
Volition™ Cat 5 Backbone Cable,100 Ohms
Volition™ Cat 5 Backbone Cable, 100 Ohms
Volition™ Cat 5 Backbone Cable, UTP, PVC, 25 pairs, 1 m
VOL-5UP25-M
PU: 1 m, MOQ: 50
Volition™ Cat 5 Backbone Cable, UTP, PVC, 50 pairs, 1 m
VOL-5UP50-M
PU: 1 m, MOQ: 50
Cable FTP, Category 5, LS0H
Volition™ Cat 5 Backbone Cable, FTP, LSOH, 32 pairs, 1 m
VOL-5EFL32-M
PU: 1 m, MOQ: 50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com