Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VOL-PCC-R Datasheet(PDF) 56 Page - 3M Electronics

Part # VOL-PCC-R
Description  Solutions for Enterprise Networks
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

VOL-PCC-R Datasheet(HTML) 56 Page - 3M Electronics

Back Button VOL-PCC-R Datasheet HTML 52Page - 3M Electronics VOL-PCC-R Datasheet HTML 53Page - 3M Electronics VOL-PCC-R Datasheet HTML 54Page - 3M Electronics VOL-PCC-R Datasheet HTML 55Page - 3M Electronics VOL-PCC-R Datasheet HTML 56Page - 3M Electronics VOL-PCC-R Datasheet HTML 57Page - 3M Electronics VOL-PCC-R Datasheet HTML 58Page - 3M Electronics VOL-PCC-R Datasheet HTML 59Page - 3M Electronics VOL-PCC-R Datasheet HTML 60Page - 3M Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 62 page
background image
54
Type/Order Text
Ref.-No.
Patch Cable, Multimode 50/125/250µm
Factory made VF-45 Duplex patch cables in various lengths are
used for patching between sockets or for making the connection to
transceivers on the workstation, hub or switch. Hybrid cables to
connect ST, SC, LC and MTRJ interfaces are also available.
Other Hybrids available upon request.
Note: During 2005, the patch cables will be changed to a universal
type, which is both riser and LSZH rated. Reference numbers will
change. For example: from VOL-V5L1 to VOL-V5L/R1
Highlights:
• Duplex connection
• Factory made VF-45 duplex patch cables in various lengths
• Automatic dust protection protects fibres in unmated
condition
• Tested to TIA/EIA and IEC performance requirements
• Patchcords made with 3M’s innovative coated fibre, GGP,
minimum bend radius 25mm
1.2
Fibre Cabling
1.2.5
Volition™ Patch Cable
Multimode 50/125/250µm
Description
VF-45-Connector to VF-45-Connector, 50/125µm, LSZH
PU: 12
MOQ: 1
Length:
1 m
VOL-V5L1
1,5 m
VOL-V5L1,5
2m
VOL-V5L2
3m
VOL-V5L3
5m
VOL-V5L5
8m
VOL-V5L8
15 m
VOL-V5L15
30 m
VOL-V5L30
VF-45-Connector to ST-Connector, 50/125µm, LSZH
PU: 12
MOQ: 1
Length:
1 m
VOL-T5L1
2m
VOL-T5L2
3m
VOL-T5L3
5m
VOL-T5L5
8m
VOL-T5L8
15 m
VOL-T5L15
30 m
VOL-T5L30
VF-45-Connector to SC-Connector, 50/125µm, LSZH
PU: 12
MOQ: 1
Length:
1 m
VOL-C5L1
1,5 m
VOL-C5L1,5
2m
VOL-C5L2
3m
VOL-C5L3
5m
VOL-C5L5
8m
VOL-C5L8
15 m
VOL-C5L15
30 m
VOL-C5L30
VF-45™-Connector to MTRJ-Connector, 50/125µm, LSZH
PU: 12
MOQ: 1
Length:
1 m
VOL-M5L1
2m
VOL-M5L2
3m
VOL-M5L3
5m
VOL-M5L5
8m
VOL-M5L8
10 m
VOL-M5L10
35 m
VOL-M5L35
VF-45™-Connector to LC-Connector, 50/125µm, LSZH
PU: 12
MOQ: 1
Length:
1 m
VOL-L5L1
1,5 m
VOL-L5L1,5
2m
VOL-L5L2
3m
VOL-L5L3
5m
VOL-L5L5
8m
VOL-L5L8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com