Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VOL-PCC-R Datasheet(PDF) 15 Page - 3M Electronics

Part # VOL-PCC-R
Description  Solutions for Enterprise Networks
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

VOL-PCC-R Datasheet(HTML) 15 Page - 3M Electronics

Back Button VOL-PCC-R Datasheet HTML 11Page - 3M Electronics VOL-PCC-R Datasheet HTML 12Page - 3M Electronics VOL-PCC-R Datasheet HTML 13Page - 3M Electronics VOL-PCC-R Datasheet HTML 14Page - 3M Electronics VOL-PCC-R Datasheet HTML 15Page - 3M Electronics VOL-PCC-R Datasheet HTML 16Page - 3M Electronics VOL-PCC-R Datasheet HTML 17Page - 3M Electronics VOL-PCC-R Datasheet HTML 18Page - 3M Electronics VOL-PCC-R Datasheet HTML 19Page - 3M Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 62 page
background image
1
13
1.1
Copper Cabling
1.1.1
Volition™ RJ45 K Patch Panels
Description
Type/Order Text
Ref.-No.
K Series Patch Panels
Designed around our tried and tested modular format, the
unloaded 19” patch panels give a precise and stylish presentation
of the ‘K’ series Jacks in either black or brushed aluminium. The
Jacks have an integral dust cover providing a fully shuttered patch
panel presentation. In the Classic versions, a cable tray and the
ability to earth ensures quick and reliable cable fixing for all three
formats, UTP, FTP with drain wire, and STP 360° braid or foil con-
nection, to ensure electromagnetic compatibility. The jack design
prevents interference between the jacks.
The Economic Patch Panel without cable tray is a low cost option
for UTP applications, for use with racks with integral cable manage-
ment solutions.
Volition™ Classic Patch Panels, non equipped, keystone, PU: 1 pc/carton, MOQ: 1 carton
Volition™ Classic Patch Panel, 16 ports, keystone, brushed alu
VOL-PPCA-F16K
Volition™ Classic Patch Panel, 16 ports, keystone, black alu
VOL-PPCB-F16K
Volition™ Classic Patch Panel, 24 ports, keystone, brushed alu
VOL-PPCA-F24K
Volition™ Classic Patch Panel, 24 ports, keystone, black alu
VOL-PPCB-F24K
Volition™ Classic Patch Panel, 32 ports, keystone, brushed alu
VOL-PPCA-F32K
Volition™ Classic Patch Panel, 32 ports, keystone, black alu
VOL-PPCB-F32K
Volition™ Classic Patch Panel, 48 ports, keystone, brushed alu
VOL-PPCA-F48K
Volition™ Classic Patch Panel, 48 ports, keystone, black alu
VOL-PPCB-F48K
Volition™ German Patch Panel, equipped with RJ45 K6 Jacks, keystone, PU: 1 pc/carton, MOQ: 1 carton
Volition™ German Patch Panel, 24 ports, keystone, brushed alu
VOL-PPGA-W24K
with cover
Volition™ German Patch Panel, 24 ports, keystone, brushed alu
VOL-PGCA-W24K
Volition™ Economic Patch Panels, non equipped, keystone, PU: 1 pc/carton, MOQ: 1 carton
exclusively for UTP cabling
Volition™ Economic Patch Panel, double plate, 24 ports, UTP, keystone, black alu
VOL-PPUD-F24K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com