Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VOL-PCC-R Datasheet(PDF) 44 Page - 3M Electronics

Part # VOL-PCC-R
Description  Solutions for Enterprise Networks
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

VOL-PCC-R Datasheet(HTML) 44 Page - 3M Electronics

Back Button VOL-PCC-R Datasheet HTML 40Page - 3M Electronics VOL-PCC-R Datasheet HTML 41Page - 3M Electronics VOL-PCC-R Datasheet HTML 42Page - 3M Electronics VOL-PCC-R Datasheet HTML 43Page - 3M Electronics VOL-PCC-R Datasheet HTML 44Page - 3M Electronics VOL-PCC-R Datasheet HTML 45Page - 3M Electronics VOL-PCC-R Datasheet HTML 46Page - 3M Electronics VOL-PCC-R Datasheet HTML 47Page - 3M Electronics VOL-PCC-R Datasheet HTML 48Page - 3M Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 62 page
background image
1.2
Fibre Cabling
1.2.3
Volition™ 19" Patch Panels
Volition™ Wall Mount Patch Panels
Description
Volition™ 19" Patch Panel / Volition™ Wall Mount Patch Panels
42
The Volition patch panel range offers a suitable patch panel for
every installation requirement. The 'flush mount' technology of the
VF-45™ sockets provides a smart and maximum port density solu-
tion resulting in efficient use of the space available in the 19" rack.
Wall mount patch panels are manufactured in powder coated sheet
metal and can be easily fixed using four screws to the wall. A hin-
ged front cover provides access to the VF-45 sockets and can be
locked using a padlock (not supplied) for extra security.
The wall patch panels are available in 3 sizes, for 6,12 and 24
ports and are made to facilitate the fast mounting of VF-45
sockets.
Highlights:
•Versions ranging from 1U, 24 ports to 3U, 72 ports
• Colour: - cream, similar to RAL 1013
•Internal features to ensure secure fixing of incoming
cables and correct storage of excess fibre
•Sliding drawer feature for easy access
Highlights:
•Simple installation of the VF-45 sockets
• Easy cable management
• Powder coated, cream similar to RAL:1013
Type/Order Text
Ref.-No.
Patch Panel, 24 Ports, 1U
VOL-430-ES
sliding drawer version, PU: 1, MOQ:1
Patch Panel, 48 Ports, 2U
VOL-432-ES
sliding drawer version, PU: 1, MOQ:1
Patchcord Management - Panel - 1
VOL-499-E
PU: 1, MOQ: 1
Blanking plug for VF-45 Ports, PU: 50, MOQ: 1
Bright White
VOL-0300B
Black
VOL-0300BK
Wall Patch Panel, 6 Ports, 12 Fibre
VOL-0406B
Size (WxHxD): 198,1 x 162,8 x 54 mm
PU: 1, MOQ: 1
Wall Patch Panel, 12 Ports, 24 Fibre
VOL-0412B
Size (WxHxD): 198,1 x 254,8 x 54 mm
PU: 1, MOQ: 1
Wall Patch Panel, 24 Ports, 48 Fibre
VOL-0424B
Size (WxHxD): 198,1 x 438,8 x 54 mm
PU: 1, MOQ: 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com