Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VOL-PCC-R Datasheet(PDF) 18 Page - 3M Electronics

Part # VOL-PCC-R
Description  Solutions for Enterprise Networks
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

VOL-PCC-R Datasheet(HTML) 18 Page - 3M Electronics

Back Button VOL-PCC-R Datasheet HTML 14Page - 3M Electronics VOL-PCC-R Datasheet HTML 15Page - 3M Electronics VOL-PCC-R Datasheet HTML 16Page - 3M Electronics VOL-PCC-R Datasheet HTML 17Page - 3M Electronics VOL-PCC-R Datasheet HTML 18Page - 3M Electronics VOL-PCC-R Datasheet HTML 19Page - 3M Electronics VOL-PCC-R Datasheet HTML 20Page - 3M Electronics VOL-PCC-R Datasheet HTML 21Page - 3M Electronics VOL-PCC-R Datasheet HTML 22Page - 3M Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 62 page
background image
1.1
Copper Cabling
1.1.2
Volition™ RJ45 Giga Faceplates
Description
16
The Giga sockets are available with a vertical front face in
the following sizes:
• 22.5 x 45 mm
• 45 x 45 mm
RJ45 Faceplates
Type/Order Text
Ref.-No.
Volition™ Faceplates, Giga, PU: 1pc/bag, MOQ: 24 bags
The 22.5x45 and 45x45 formats accept (optional) colour icons,
Shutter for dust protection, Depth 27 mm
Volition™ RJ45 Giga Jack, 22,5x45 mm
P28753AB
Volition™ RJ45 Giga Jack, 45x45 mm
P28756AB
Coloured Removable Flanges for modules 22.5x45, 45x45 mm
Blue
P28323BE
Yellow
P28323JA
Red
P28323RE
Green
P28323VE
Highlights
• Accept RJ45 Giga Jack (UTP, FTP, STP)
•White surround
• Label holder and label with logo (telephone or computer)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com