Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VOL-PCC-R Datasheet(PDF) 54 Page - 3M Electronics

Part # VOL-PCC-R
Description  Solutions for Enterprise Networks
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

VOL-PCC-R Datasheet(HTML) 54 Page - 3M Electronics

Back Button VOL-PCC-R Datasheet HTML 50Page - 3M Electronics VOL-PCC-R Datasheet HTML 51Page - 3M Electronics VOL-PCC-R Datasheet HTML 52Page - 3M Electronics VOL-PCC-R Datasheet HTML 53Page - 3M Electronics VOL-PCC-R Datasheet HTML 54Page - 3M Electronics VOL-PCC-R Datasheet HTML 55Page - 3M Electronics VOL-PCC-R Datasheet HTML 56Page - 3M Electronics VOL-PCC-R Datasheet HTML 57Page - 3M Electronics VOL-PCC-R Datasheet HTML 58Page - 3M Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 62 page
background image
52
Type/Order Text
Ref.-No.
1.2
Fibre Cabling
1.2.4
Volition™ Installation Indoor/Outdoor
Cable, 9/125/250µm
Indoor/Outdoor aramid yarn, without rodent protection, multimode
9/125 µm, 2 fibres
LSZH with aramid yarn, outer diameter: 7 mm
VOL-IO A92
Length: 4000 m, PU: 1, MOQ: 1
9/125 µm, 4 fibres
LSZH with aramid yarn, outer diameter: 7 mm
VOL-IO A94
Length: 4000 m, PU: 1, MOQ: 1
9/125 µm, 6 fibres
LSZH with aramid yarn, outer diameter: 7 mm
VOL-IO A96
Length: 4000 m, PU: 1, MOQ: 1
9/125 µm, 8 fibres
LSZH with aramid yarn, outer diameter: 7 mm
VOL-IO A98
Length: 4000 m, PU: 1, MOQ: 1
9/125 µm, 12 fibres
LSZH with aramid yarn, outer diameter: 7 mm
VOL-IO A912
Length: 500 m, PU: 1, MOQ: 1
9/125 µm, 24 fibres
LSZH with aramid yarn, outer diameter: 8 mm
VOL-IO A924
Length: 500 m, PU: 1, MOQ: 1
9/125 µm, 48 fibres
LSZH with FRP (Fibreglass Reinforced Plastic)
VOL-IO A948
outer diameter: 10,5 mm, Length: 2000 m, PU: 1, MOQ: 1
9/125 µm, 72 fibres
LSZH with FRP (Fibreglass Reinforced Plastic)
VOL-IO A972
outer diameter: 10,5 mm, Length: 2000 m, PU: 1, MOQ: 1
9/125 µm, 96 fibres
LSZH with FRP (Fibreglass Reinforced Plastic)
VOL-IO A996
outer diameter: 12 mm, Length: 2000 m, PU: 1, MOQ: 1
9/125 µm, 144 fibres
LSZH with FRP (Fibreglass Reinforced Plastic)
VOL-IO A9144
outer diameter: 15 mm, Length: 2000 m, PU: 1, MOQ: 1
Indoor/Outdoor Glass yarn cables, with light rodent protection, multimode
9/125 µm, 2 fibres
LSZH with glass yarn, outer diameter: 11 mm
VOL-IO G92
Length: 1000 m, PU: 1, MOQ: 1
9/125 µm, 4 fibres
LSZH with glass yarn, outer diameter: 11 mm
VOL-IO G94
Length: 1000 m, PU: 1, MOQ: 1
9/125 µm, 6 fibres
LSZH with glass yarn, outer diameter: 11 mm
VOL-IO G96
Length: 500 m, PU: 1, MOQ: 1
9/125 µm, 8 fibres
LSZH with glass yarn, outer diameter: 11 mm
VOL-IO G98
Length: 1000 m, PU: 1, MOQ: 1
9/125 µm, 12 fibres
LSZH with glass yarn, outer diameter: 11 mm
VOL-IO G912
Length: 500 m, PU: 1, MOQ: 1
9/125 µm, 24 fibres
LSZH with glass yarn, outer diameter: 11 mm
VOL-IO G924
Length: 500 m, PU: 1, MOQ: 1
Optical fibres
Central Uni tube
Swellable tape
Strength member
1,1mm LSZH sheath
2 to 24 fibres
48 to144 fibres
Ø 2,5mm FRP strength member
Ø 2,3mm loose tubes
Swellable wrapping tape
1,5mm LSZH sheath
Corrugated steel as rodent protection
1,5mm LSZH sheath
2 to 24 fibres
Central tube
Glass yarns
1,8mm LSZH sheath



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com