Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VOL-PCC-R Datasheet(PDF) 24 Page - 3M Electronics

Part # VOL-PCC-R
Description  Solutions for Enterprise Networks
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

VOL-PCC-R Datasheet(HTML) 24 Page - 3M Electronics

Back Button VOL-PCC-R Datasheet HTML 20Page - 3M Electronics VOL-PCC-R Datasheet HTML 21Page - 3M Electronics VOL-PCC-R Datasheet HTML 22Page - 3M Electronics VOL-PCC-R Datasheet HTML 23Page - 3M Electronics VOL-PCC-R Datasheet HTML 24Page - 3M Electronics VOL-PCC-R Datasheet HTML 25Page - 3M Electronics VOL-PCC-R Datasheet HTML 26Page - 3M Electronics VOL-PCC-R Datasheet HTML 27Page - 3M Electronics VOL-PCC-R Datasheet HTML 28Page - 3M Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 62 page
background image
1.1
Copper Cabling
1.1.3
Volition™ 45x45 Module Supports
Description
45x45 Module Supports
Type/Order Text
Ref.-No.
Volition™ Single Box
P28420AA
RAL 9011, 65x65x48 mm, Surface mounted,
For 1, 45x45 mm module
Volition™ Surface Mounted Box
P28690AA
RAL 9011, 150x80x42 mm,
Takes the P28691AA top,
For 2, 45x45 mm modules
Volition™ Lid for Surface Mounted Box
P28691AA
RAL 9011, 150x80x9.5 mm,
Fits on P28691AA,
For 2, 45x45 mm modules
Volition™ Surface Mounted Box
P28695AA
RAL 9011, 205x80x42 mm,
Takes the P28696A top,
For 3, 45x45 mm modules
Volition™ Lid for Surface Mounted Box
P28696AA
RAL 9011, 205x80x9.5mm
Fits on P28695AA,
For 3, 45x45 mm modules
Volition™ Module Support
P28692AA
30% fibre glass polycarbonate, 64x75x10 mm,
Mounted between the box (surface mounting) or
Base (flush mounting) and lids
P28691AA or P28696AA
22
Easy to install, the boxes are either pre-pierced for cable entry or
are provided with push-in openings.
The range includes models for different applications:
•Wall mounting boxes in ABS, single socket or multiple sockets
• Surface mounted or flush mounted boxes in aluminium, single
and double versions, several lengths available
• Floor boxes, for use in computer centres or offices with false
floors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com