Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VOL-PCC-R Datasheet(PDF) 57 Page - 3M Electronics

Part # VOL-PCC-R
Description  Solutions for Enterprise Networks
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

VOL-PCC-R Datasheet(HTML) 57 Page - 3M Electronics

Back Button VOL-PCC-R Datasheet HTML 53Page - 3M Electronics VOL-PCC-R Datasheet HTML 54Page - 3M Electronics VOL-PCC-R Datasheet HTML 55Page - 3M Electronics VOL-PCC-R Datasheet HTML 56Page - 3M Electronics VOL-PCC-R Datasheet HTML 57Page - 3M Electronics VOL-PCC-R Datasheet HTML 58Page - 3M Electronics VOL-PCC-R Datasheet HTML 59Page - 3M Electronics VOL-PCC-R Datasheet HTML 60Page - 3M Electronics VOL-PCC-R Datasheet HTML 61Page - 3M Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 62 page
background image
55
1.2
Fibre Cabling
1.2.5
Volition™ Patch Cable
Multimode 62,5/125/250µm
Description
Ref.-No.
1
Type/Order Text
Ref.-No.
Patch Cable, Multimode 62,5/125/250µm
Factory made VF-45 Duplex patch cables in various lengths are
used for patching between sockets or for making the connection to
transceivers on the workstation, hub or switch. Hybrid cables to
connect ST, SC, LC and MTRJ interfaces are also available.
Other Hybrids available upon request.
Note: During 2005, the patch cables will be changed to a universal
type, which is both riser and LSZH rated. Reference numbers will
change. For example: from VOL-V6L1 to VOL-V6L/R1
Highlights:
• Duplex connection
• Factory made VF-45 duplex patch cables in various lengths
• Automatic dust protection protects fibres in unmated
condition
• Tested to TIA/EIA and IEC performance requirements
• Patchcords made with 3M’s innovative coated fibre, GGP,
minimum bend radius 25mm
VF-45-Connector to VF-45-Connector, 62,5/125µm, LSZH
PU: 12
MOQ: 1
Length:
1 m
VOL-V6L1
1,5 m
VOL-V6L1,5
2m
VOL-V6L2
3m
VOL-V6L3
5m
VOL-V6L5
8m
VOL-V6L8
15 m
VOL-V6L15
30 m
VOL-V6L30
VF-45-Connector to ST-Connector, 62,5/125µm, LSZH
PU: 12
MOQ: 1
Length:
1 m
VOL-T6L1
2m
VOL-T6L2
3m
VOL-T6L3
5m
VOL-T6L5
8m
VOL-T6L8
15 m
VOL-T6L15
30 m
VOL-T6L30
VF-45-Connector to SC-Connector, 62,5/125µm, LSZH
PU: 12
MOQ: 1
Length:
1 m
VOL-C6L1
1,5 m
VOL-C6L1,5
2m
VOL-C6L2
3m
VOL-C6L3
5m
VOL-C6L5
8m
VOL-C6L8
15 m
VOL-C6L15
30 m
VOL-C6L30
VF-45™-Connector to MTRJ-Connectorr, 62,5/125µm, LSZH
PU: 12
MOQ: 1
Length:
1 m
VOL-M6L1
2m
VOL-M6L2
3m
VOL-M6L3
5m
VOL-M6L5
8m
VOL-M6L8
10 m
VOL-M5L10
15 m
VOL-M5L15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com