Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI0512WS Datasheet(PDF) 2 Page - AMI SEMICONDUCTOR

Part # PI0512WS
Description  512-Pixel 50-mm-Pitch Wide Aperture Spectroscopic Photodiode Array
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

PI0512WS Datasheet(HTML) 2 Page - AMI SEMICONDUCTOR

  PI0512WS Datasheet HTML 1Page - AMI SEMICONDUCTOR PI0512WS Datasheet HTML 2Page - AMI SEMICONDUCTOR PI0512WS Datasheet HTML 3Page - AMI SEMICONDUCTOR PI0512WS Datasheet HTML 4Page - AMI SEMICONDUCTOR PI0512WS Datasheet HTML 5Page - AMI SEMICONDUCTOR PI0512WS Datasheet HTML 6Page - AMI SEMICONDUCTOR PI0512WS Datasheet HTML 7Page - AMI SEMICONDUCTOR PI0512WS Datasheet HTML 8Page - AMI SEMICONDUCTOR  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
PI0512WS Page 2 of 8 – July 26, 2001
The WS series devices are mounted in 22-pin ceramic side-brazed dual-in-line packages that
will insert in a standard DIP socket. A diagram of the package and its pinout configuration is
seen in Figure 1.
Features
• High saturation capacitance (60pF ) for wide dynamic range.
• Wide spectral response (180-1000) for UV and IR response.
• PN junction photodiodes highly resistive to UV damage.
• Low dark current.
• Integration time from 0.52 ms to 0.6 seconds at room temperature.
• Longer integration time extended to hours by cooling.
• High linearity.
• Low power dissipation.
• Geometrical structure to enhance stability and registration.
• Standard 22-lead dual-in-line integrated-circuit package.
Sensor Characteristics
The Peripheral Imaging Corporation's self-scanned photodiodes are on 50-
µm center-to-center
spacing. Hence, their line density 20 diodes/mm and accordingly the overall die lengths of the
different arrays vary with the number of photodiodes. For example, the 256-pixel array is
12.8-mm long and the 512 pixel array is 25.6-mm long. In addition, each array has four
additional dummy, non-imaging photodiodes with two on each side. The height of the sensors is
2500 µm. Accordingly, these slit-like apertures make these sensors desirable for coupling to
monochromators and spectrographs.
Figure 2. Geometry and layout of photodiode pixels.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com