Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI0512WS Datasheet(PDF) 6 Page - AMI SEMICONDUCTOR

Part # PI0512WS
Description  512-Pixel 50-mm-Pitch Wide Aperture Spectroscopic Photodiode Array
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

PI0512WS Datasheet(HTML) 6 Page - AMI SEMICONDUCTOR

  PI0512WS Datasheet HTML 1Page - AMI SEMICONDUCTOR PI0512WS Datasheet HTML 2Page - AMI SEMICONDUCTOR PI0512WS Datasheet HTML 3Page - AMI SEMICONDUCTOR PI0512WS Datasheet HTML 4Page - AMI SEMICONDUCTOR PI0512WS Datasheet HTML 5Page - AMI SEMICONDUCTOR PI0512WS Datasheet HTML 6Page - AMI SEMICONDUCTOR PI0512WS Datasheet HTML 7Page - AMI SEMICONDUCTOR PI0512WS Datasheet HTML 8Page - AMI SEMICONDUCTOR  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
PI0512WS Page 6 of 8 – July 26, 2001
Clock and Voltage Requirements
Clocks requirements are relatively simple. As it was indicated in Figure 5 and Table 1, there
are only three input signals that require clocked inputs. They are CLK, the clock for the shift
register, START, the shift register start pulse, and RESET, the reset control gate. However, in
certain applications where the internal reset circuitry is unused, RESET can be tied to ground.
Figure 6. Timing diagram.
Table 2 . Symbol definitions and timing specifications for timing diagram.
Item
Symbol
Min
Typical
Max
Units
Clock cycle time
to
5
µs
Clock pulse width
tw
1
µs
Clock duty cycle
20
50
80
%
Prohibit crossing time of Start Pulse
tprh
0
ns
Data setup time
tds
50
ns
Data hold time
tdh
100
ns
End Of Scan delay
tdeo
300
ns
End Of Scan off
tdee
300
ns
Signal delay time
tsd
50
ns
Signal settling time
tsh
500
ns
The timing specifications and the symbol definition for Figure 6 are listed in Table 2. The
control clock amplitudes for I/Os are compatible with the 5-Volt CMOS devices.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com