Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI0512WS Datasheet(PDF) 8 Page - AMI SEMICONDUCTOR

Part # PI0512WS
Description  512-Pixel 50-mm-Pitch Wide Aperture Spectroscopic Photodiode Array
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

PI0512WS Datasheet(HTML) 8 Page - AMI SEMICONDUCTOR

  PI0512WS Datasheet HTML 1Page - AMI SEMICONDUCTOR PI0512WS Datasheet HTML 2Page - AMI SEMICONDUCTOR PI0512WS Datasheet HTML 3Page - AMI SEMICONDUCTOR PI0512WS Datasheet HTML 4Page - AMI SEMICONDUCTOR PI0512WS Datasheet HTML 5Page - AMI SEMICONDUCTOR PI0512WS Datasheet HTML 6Page - AMI SEMICONDUCTOR PI0512WS Datasheet HTML 7Page - AMI SEMICONDUCTOR PI0512WS Datasheet HTML 8Page - AMI SEMICONDUCTOR  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
PI0512WS Page 8 of 8 – July 26, 2001
Electro-Optical Characteristics (25
oC)
Table 4 lists the electro-optical characteristics of PI0512WS sensor chip at 25
oC.
Table 4. Electro-optical characteristics.
Parameters
Symbol
Min
Typical
Max
Units
Center-to-center spacing
50
µm
Aperture width
2500
µm
Pixel area
A
1.25
×10-3
cm
2
Fill factor 1
FF
76
%
Quantum efficiency
1,2
QE
75
%
Responsivity 1,2
R
3.3
×10-4
C/J/cm
2
Nonuniformity of response 3
2
5
+/-%
Saturation exposure 2
Esat
180
nJ/cm
2
Saturation charge
Qsat
55
60
pC
Average dark current 4
1
3
pA
Spectral response peak
λ
600
nm
Spectral response range 5
180 – 1000
nm
Notes:
(1) Fill factor, quantum efficiency, and responsivity are related by the equation R =
(qe
λ/hc).QE.FF.A, where q
e is the charge of an electron and hc/
λ is the energy of a
photon at a given wavelength.
(2) At wavelength of 575 nm (yellow-green) and with no window.
(3) Measured at 50% Vsat with incandescent tungsten lamp filtered with a Schott KG-1
(4) Max dark leakage
≤ 1.5 x average dark leakage measured with an integration period
of 500 ms at 25
oC.
(5) From 250-1000 nm, responsivity
≥ 20% of its peak value.
heat-absorbing glass.
©2001 AMI Semiconductor. Printed in USA. All rights reserved. Specifications are subject to change
without notice. Contents may not be reproduced in whole or in part without the express prior written
permission of AMIS. Information furnished herein is believed to be accurate and reliable. However, no
responsibility is assumed by AMIS for its use nor for any infringement of patents or other rights granted
by implication or otherwise under any patent or patent rights of AMIS.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com