Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI0512WS Datasheet(PDF) 3 Page - AMI SEMICONDUCTOR

Part # PI0512WS
Description  512-Pixel 50-mm-Pitch Wide Aperture Spectroscopic Photodiode Array
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

PI0512WS Datasheet(HTML) 3 Page - AMI SEMICONDUCTOR

  PI0512WS Datasheet HTML 1Page - AMI SEMICONDUCTOR PI0512WS Datasheet HTML 2Page - AMI SEMICONDUCTOR PI0512WS Datasheet HTML 3Page - AMI SEMICONDUCTOR PI0512WS Datasheet HTML 4Page - AMI SEMICONDUCTOR PI0512WS Datasheet HTML 5Page - AMI SEMICONDUCTOR PI0512WS Datasheet HTML 6Page - AMI SEMICONDUCTOR PI0512WS Datasheet HTML 7Page - AMI SEMICONDUCTOR PI0512WS Datasheet HTML 8Page - AMI SEMICONDUCTOR  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
PI0512WS Page 3 of 8 – July 26, 2001
During normal operation, the impinging photons in or near the PN photodiode junction
generate free charges that are collected and stored on the junction's depletion capacitance.
Since on average a certain fraction of charge is generated and collected for each impinging
photon, the number of collected charges will proportionally increase with light exposures.
Figure 3 shows the stored signal charge as function of light exposure at a wavelength of
575 nm. The exposure is the product of the light intensity in nW/cm
2 and integration time in
seconds. The charge accumulates linearly until reaching the saturation charge where the
corresponding exposure is the saturation exposure.
0
10
20
30
40
50
60
70
0
50
100
150
200
Exposure (nJ/cm^2)
Saturation
Charge
Saturation
Exposure
Figure 3. Stored signal charge as function of exposure at a wavelength
of 575 nm.
The responsivity is defined as ratio of saturation charge divided by saturation exposure. The
measured typical responsivity of a photodiode is 3.3
×10-4 C/J/cm2 at 575 nm. Figure 4 shows
the predicted responsivity of the photodiodes as a function of wavelength.
0.0E+00
5.0E-05
1.0E-04
1.5E-04
2.0E-04
2.5E-04
3.0E-04
3.5E-04
4.0E-04
4.5E-04
5.0E-04
100
300
500
700
900
Wavelength (nm)
QE=20%
QE=40%
QE=60%
QE=80%
Figure 4. Predicted spectral response.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com