Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI0512WS Datasheet(PDF) 4 Page - AMI SEMICONDUCTOR

Part # PI0512WS
Description  512-Pixel 50-mm-Pitch Wide Aperture Spectroscopic Photodiode Array
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

PI0512WS Datasheet(HTML) 4 Page - AMI SEMICONDUCTOR

  PI0512WS Datasheet HTML 1Page - AMI SEMICONDUCTOR PI0512WS Datasheet HTML 2Page - AMI SEMICONDUCTOR PI0512WS Datasheet HTML 3Page - AMI SEMICONDUCTOR PI0512WS Datasheet HTML 4Page - AMI SEMICONDUCTOR PI0512WS Datasheet HTML 5Page - AMI SEMICONDUCTOR PI0512WS Datasheet HTML 6Page - AMI SEMICONDUCTOR PI0512WS Datasheet HTML 7Page - AMI SEMICONDUCTOR PI0512WS Datasheet HTML 8Page - AMI SEMICONDUCTOR  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
PI0512WS Page 4 of 8 – July 26, 2001
EOS
EOS
AVIDEO
RESET
BIAS
SHIFT REGISTER
START
CLK
START
CLK
PI0512WS
VDD
Note: Quantum Efficiency (QE) can be calculated by dividing the responsivity by the area of
the sensor's element and multiplying the resulting ratio by the energy per photon in electron
volts (eV).
The dark current is typically about 1 pA at 25
oC and will vary as function of temperature. The
dark current will contribute dark-signal charges and these charges will increase as direct
function of integration time and superimpose on the image signal charges.
Self-Scanning Circuit
Figure 5 shows a simplified electrically equivalent circuit diagram of the photodiode array.
Every photodiode in the array is connected to a common output video line by a MOS switch.
Impinging photons generate charge that is collected on each imaging photodiode when the
switch is open. As the shift register sequentially closes each MOS switch, the stored charge,
which is proportional in amount to the light exposure, from each corresponding photodiode is
readout onto the video line. The output charge on the video line from each photodiode pixel is
typically sensed by an external charge-integrating amplifier. The shift register is activated with
the entry of the start pulse. This pulse propagates through each shift register stage and
activates the MOS switches sequentially. When the pulse reaches the last shift register stage,
the fourth and last dummy pixel is readout and end-of-scan (EOS) output is held high for one
clock cycle.
Figure 5. Simplified circuit diagram of PI0512WS photodiode array.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com