Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI0512WS Datasheet(PDF) 5 Page - AMI SEMICONDUCTOR

Part # PI0512WS
Description  512-Pixel 50-mm-Pitch Wide Aperture Spectroscopic Photodiode Array
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

PI0512WS Datasheet(HTML) 5 Page - AMI SEMICONDUCTOR

  PI0512WS Datasheet HTML 1Page - AMI SEMICONDUCTOR PI0512WS Datasheet HTML 2Page - AMI SEMICONDUCTOR PI0512WS Datasheet HTML 3Page - AMI SEMICONDUCTOR PI0512WS Datasheet HTML 4Page - AMI SEMICONDUCTOR PI0512WS Datasheet HTML 5Page - AMI SEMICONDUCTOR PI0512WS Datasheet HTML 6Page - AMI SEMICONDUCTOR PI0512WS Datasheet HTML 7Page - AMI SEMICONDUCTOR PI0512WS Datasheet HTML 8Page - AMI SEMICONDUCTOR  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
PI0512WS Page 5 of 8 – July 26, 2001
I/O Pins
Although the PI0512WS package has 22 pins as shown in Figure 1, there are only 6
functionally active I/O pins in addition to the supply and bias pins as shown in Figure 5.
Table 1 defines the I/O acronyms, provides their full names and describes their functions. In
essence, only two clocks, CLK and START, are required for controlling the timing of the
sensor's video readout if the internal reset circuitry is not used. However, if the internal reset
circuitry is used, a third clock signal, RESET, is required. The remaining I/O descriptions are
for the video signal output, the end-of-scan signal, and the bias and supply voltage. These
I/Os are listed with their acronym designators and functional descriptions in the following
Table 1.
Table 1. Symbols and functions and I/O pins.
Symbol
Function and Description
VSS
Ground.
VDD
+5.0 Volts.
START
Start Pulse: Input to start the line scan.
CLK
Clock Pulse: Input to clock the shift register.
EOS
End Of Scan: Output from the shift register to indicate the
completion of one line scan.
AVIDEO Active Video Line: Charge output from the photodiodes pixels.
RESET
Reset Control Gate: Pulsing this input will reset the video line to
the reset bias.
BIAS
Reset Bias Supply: Input bias reference resetting the video line.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com