Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI0512WS Datasheet(PDF) 7 Page - AMI SEMICONDUCTOR

Part # PI0512WS
Description  512-Pixel 50-mm-Pitch Wide Aperture Spectroscopic Photodiode Array
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

PI0512WS Datasheet(HTML) 7 Page - AMI SEMICONDUCTOR

  PI0512WS Datasheet HTML 1Page - AMI SEMICONDUCTOR PI0512WS Datasheet HTML 2Page - AMI SEMICONDUCTOR PI0512WS Datasheet HTML 3Page - AMI SEMICONDUCTOR PI0512WS Datasheet HTML 4Page - AMI SEMICONDUCTOR PI0512WS Datasheet HTML 5Page - AMI SEMICONDUCTOR PI0512WS Datasheet HTML 6Page - AMI SEMICONDUCTOR PI0512WS Datasheet HTML 7Page - AMI SEMICONDUCTOR PI0512WS Datasheet HTML 8Page - AMI SEMICONDUCTOR  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
PI0512WS Page 7 of 8 – July 26, 2001
Recommended Operating Conditions at Room Temperature
Table 3 lists the recommended operational conditions.
Table 3. Recommended operating conditions at room temperature.
Parameters
Symbol
Min.
Typical Max. Units
Power supply
VDD
4.5
5.0
5.0
Volts
Input clock pulses high level 1
Vih
VDD – 0.8
VDD
VDD
Volts
Input clock pulse low level 1
Vil
0.0
0.0
0.8
Volts
Video output bias levels (dark)
Vbias
0.0
0.5
2.5
Volts
Clock frequency 2
Fclk
100
1000
kHz
Clock pulse duty cycle
20
50
80
%
Integration time 3
Tint
0.52
600
ms
Notes:
(1)
Applies to all control-clock inputs.
(2)
The minimum clock frequency must be consistent with the integration time as indicated in note (3).
(3)
Integration time is specified at room temperature such that the maximum dark current charge build
up in each pixel is less than 10% of the typical saturation charge. Accordingly, it can be as short as
0.52 ms or as long as 0.6 seconds at room temperature
. Longer integration times are possible by
cooling the device.
Package Dimensions
Note: Dimensions are in inches except where millimeters (mm) are indicated.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com