Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI0512WS Datasheet(PDF) 1 Page - AMI SEMICONDUCTOR

Part # PI0512WS
Description  512-Pixel 50-mm-Pitch Wide Aperture Spectroscopic Photodiode Array
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

PI0512WS Datasheet(HTML) 1 Page - AMI SEMICONDUCTOR

  PI0512WS Datasheet HTML 1Page - AMI SEMICONDUCTOR PI0512WS Datasheet HTML 2Page - AMI SEMICONDUCTOR PI0512WS Datasheet HTML 3Page - AMI SEMICONDUCTOR PI0512WS Datasheet HTML 4Page - AMI SEMICONDUCTOR PI0512WS Datasheet HTML 5Page - AMI SEMICONDUCTOR PI0512WS Datasheet HTML 6Page - AMI SEMICONDUCTOR PI0512WS Datasheet HTML 7Page - AMI SEMICONDUCTOR PI0512WS Datasheet HTML 8Page - AMI SEMICONDUCTOR  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
PI0512WS Page 1 of 8 – July 26, 2001
Description
Peripheral Imaging Corporation's WS series is family of self-scanning photodiode solid-state
linear imaging arrays. These photodiode sensors employ PIC’s proprietary CMOS Image
Sensing Technology to integrate the sensors into single monolithic chip. These sensors are
optimally designed for applications in spectroscopy. Accordingly, these sensors contain a
linear array of photodiodes with an optimized geometrical aspect ratio (50-
µm aperture pitch x
2500-
µm aperture width) for helping to maintain mechanical stability in spectroscopic
instruments and for providing their light-capturing ability. The family of sensor consists of
active photodiode arrays of different number of pixels, 256 and 512.
Figure 1. Pinout configuration.
PI0512WS
512-Pixel 50-
µm-Pitch Wide Aperture Spectroscopic Photodiode Array
Engineering Data Sheet
650 N. Mary Ave.
Sunnyvale, California, 94085
Phone: 408-962-1913
Fax:
408-962-1998
Peripheral
Imaging
Corporation
™


Similar Part No. - PI0512WS

ManufacturerPart #DatasheetDescription
logo
AMI SEMICONDUCTOR
PI0512WSN AMI-PI0512WSN Datasheet
3Mb / 8P
50-mm-Pitch Wide Aperture Spectroscopic Photodiode Arrays
More results

Similar Description - PI0512WS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
S268P VISHAY-S268P Datasheet
80Kb / 5P
Silicon PIN Photodiode Array
20-May-99
logo
Texas Instruments
TC213 TI-TC213 Datasheet
325Kb / 21P
1024- 횞 512-pixel ccd image sensor
logo
Microsemi Corporation
MXP22-C MICROSEMI-MXP22-C Datasheet
38Kb / 1P
Monolithic Photodiode Array-Chip
logo
Texas Instruments
TSL218 TI-TSL218 Datasheet
131Kb / 8P
512 횞 1 PIXEL LINEAR ARRAY
logo
AMI SEMICONDUCTOR
AMIS-732128 AMI-AMIS-732128 Datasheet
232Kb / 9P
50關m-pitch Wide Aperture Spectroscopic Photodiode Arrays
AMIS-734256 AMI-AMIS-734256 Datasheet
243Kb / 9P
25關m-pitch Wide Aperture Spectroscopic Photodiode Arrays
PI0000HSN AMI-PI0000HSN Datasheet
1Mb / 8P
25-關m-Pitch Wide Aperture Spectroscopic Photodiode Arrays
PI0000WSN AMI-PI0000WSN Datasheet
3Mb / 8P
50-mm-Pitch Wide Aperture Spectroscopic Photodiode Arrays
logo
Hamamatsu Corporation
G67150 HAMAMATSU-G67150 Datasheet
108Kb / 2P
InGaAs PIN photodiode array
logo
HY ELECTRONIC CORP.
AA16-9DIL18 HY-AA16-9DIL18 Datasheet
311Kb / 2P
Avalanche Photodiode Array
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com