Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI627 Datasheet(PDF) 2 Page - AMI SEMICONDUCTOR

Part # PI627
Description  A Family of 600DPI CIS Modules, each with a specific LED light source
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

PI627 Datasheet(HTML) 2 Page - AMI SEMICONDUCTOR

  PI627 Datasheet HTML 1Page - AMI SEMICONDUCTOR PI627 Datasheet HTML 2Page - AMI SEMICONDUCTOR PI627 Datasheet HTML 3Page - AMI SEMICONDUCTOR PI627 Datasheet HTML 4Page - AMI SEMICONDUCTOR PI627 Datasheet HTML 5Page - AMI SEMICONDUCTOR PI627 Datasheet HTML 6Page - AMI SEMICONDUCTOR PI627 Datasheet HTML 7Page - AMI SEMICONDUCTOR PI627 Datasheet HTML 8Page - AMI SEMICONDUCTOR PI627 Datasheet HTML 9Page - AMI SEMICONDUCTOR Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
PI627MC-A4 / PI628MC-A4 / PI629MC-A4 Engineering Data Sheet
_______________________________________________________________________
•
•
•
•
•
•
•
•
•
Key Features
LED Light source, lens, and sensor are integrated into a single module
Ultra-high-speed
Four parallel analog video outputs, clocked as high as 5.5MHz
270
µsec/line scanning speed @ 5.0MHz clock rate for the red light source
23.62 dots/mm resolution, 216 mm scanning length
Wide dynamic range
Standard A4 size
≅ 14.5mm x 19.5 mm x 232 mm
Low power
Light weight
General Description
The PI627MC-A4, PI628MC-A4 and PI629MC-A4 are a family of Contact Image Sensor (CIS) modules,
using MOS image sensor technology for high-speed performance and high sensitivity. They contain a
complete optical imaging system that includes the light source and focusing elements.
The modules’ contact image sensor is divided into four sections, each with its own video output and identical
processing circuits allowing for high scanning speeds. Each module comes with its own particular LED light
source, which have different maximum light power outputs. Since the light power limits the exposure, which
is proportional to the product of scanning speed and light power, each module will have a different maximum
scanning speed and signal output voltage.
The modules can be used for scanning A4 size (216 mm) documents with 23.62 dots per millimeter
resolution. Applications include document scanning, mark readers, gaming and office automation
equipment.
Page 2 of 13, Revised 2-23-04



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com