Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI627 Datasheet(PDF) 5 Page - AMI SEMICONDUCTOR

Part # PI627
Description  A Family of 600DPI CIS Modules, each with a specific LED light source
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

PI627 Datasheet(HTML) 5 Page - AMI SEMICONDUCTOR

  PI627 Datasheet HTML 1Page - AMI SEMICONDUCTOR PI627 Datasheet HTML 2Page - AMI SEMICONDUCTOR PI627 Datasheet HTML 3Page - AMI SEMICONDUCTOR PI627 Datasheet HTML 4Page - AMI SEMICONDUCTOR PI627 Datasheet HTML 5Page - AMI SEMICONDUCTOR PI627 Datasheet HTML 6Page - AMI SEMICONDUCTOR PI627 Datasheet HTML 7Page - AMI SEMICONDUCTOR PI627 Datasheet HTML 8Page - AMI SEMICONDUCTOR PI627 Datasheet HTML 9Page - AMI SEMICONDUCTOR Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
PI627MC-A4 / PI628MC-A4 / PI629MC-A4 Engineering Data Sheet
_______________________________________________________________________
Connector Pin-Out
Inputs and outputs to the module are via a 12-pin connector, part number JAE IL-Z-12P-S125L3-E, located
on one end of the module.
Table 2 lists the connector pin-out with their symbols and descriptions.
Connector
Pin Number
Symbol
Description
1
VOUT1
Analog video output 1
2
VOUT2
Analog video output 2
3
GND
Ground
4
VOUT3
Analog video output 3
5
VOUT4
Analog video output 4
6
Vdd
Power supply
7
SP(START)
Shift register start pulse
8
GND
Ground
9
CP(CLOCK)
Clock pulse
10
Vn
Negative power supply
11
GLED
Ground for the light source
12
VLED
Power supply for the light source
Table 2. Pin-out configuration
Page 5 of 13, Revised 2-23-04



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com