Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI627 Datasheet(PDF) 11 Page - AMI SEMICONDUCTOR

Part # PI627
Description  A Family of 600DPI CIS Modules, each with a specific LED light source
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

PI627 Datasheet(HTML) 11 Page - AMI SEMICONDUCTOR

Back Button PI627 Datasheet HTML 5Page - AMI SEMICONDUCTOR PI627 Datasheet HTML 6Page - AMI SEMICONDUCTOR PI627 Datasheet HTML 7Page - AMI SEMICONDUCTOR PI627 Datasheet HTML 8Page - AMI SEMICONDUCTOR PI627 Datasheet HTML 9Page - AMI SEMICONDUCTOR PI627 Datasheet HTML 10Page - AMI SEMICONDUCTOR PI627 Datasheet HTML 11Page - AMI SEMICONDUCTOR PI627 Datasheet HTML 12Page - AMI SEMICONDUCTOR PI627 Datasheet HTML 13Page - AMI SEMICONDUCTOR  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
PI627MC-A4 / PI628MC-A4 / PI629MC-A4 Engineering Data Sheet
_______________________________________________________________________
Depth of Focus
Figure 4 shows the typical MTF versus Distance, which can be used to define the working depth of focus.
Two curves indicate the spread among the modules. Note that the MTF is greater than 40% out to a
distance greater than 0.3 mm from the glass surface. Since this module is a 600DPI module, a pixel density
of 600 pixels per inch, the MTF was measured with a 300 DPI or a 150 line-pair per inch optical bar pattern.
The test was conducted with pixel rate set to 5.0MHz.
The effective algorithm used in the measurements is as described by the following equation:
MTF={[Vp(n)+Vp(n+1)]/2-[Vp(n+2)+Vp(n+3)]/2}/{[Vp(n)+Vp(n+1)]/2+[Vp(n+2)+Vp(n+3)]/2}
Where n is 1, 2, .....5184
th, Vp(n) is the signal amplitude of the nth pixel.
TYPICAL MTF VS DEPTH OF FOCUS
0
10
20
30
40
50
60
0
0.2
0.4
0.6
DEPTH FROM THE WINDOW SURFACE(mm)
Figure 4. Typical MTF versus Distance
Page 11 of 13, Revised 2-23-04



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com