Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI627 Datasheet(PDF) 7 Page - AMI SEMICONDUCTOR

Part # PI627
Description  A Family of 600DPI CIS Modules, each with a specific LED light source
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

PI627 Datasheet(HTML) 7 Page - AMI SEMICONDUCTOR

Back Button PI627 Datasheet HTML 3Page - AMI SEMICONDUCTOR PI627 Datasheet HTML 4Page - AMI SEMICONDUCTOR PI627 Datasheet HTML 5Page - AMI SEMICONDUCTOR PI627 Datasheet HTML 6Page - AMI SEMICONDUCTOR PI627 Datasheet HTML 7Page - AMI SEMICONDUCTOR PI627 Datasheet HTML 8Page - AMI SEMICONDUCTOR PI627 Datasheet HTML 9Page - AMI SEMICONDUCTOR PI627 Datasheet HTML 10Page - AMI SEMICONDUCTOR PI627 Datasheet HTML 11Page - AMI SEMICONDUCTOR Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
PI627MC-A4 / PI628MC-A4 / PI629MC-A4 Engineering Data Sheet
_______________________________________________________________________
Electro-Optical Characteristics at 25°C
Table 6 lists the electro-optical characteristics common to all three modules. Tables 7, 8 and 9 show the
characteristics particular to each of the 3 LED light sources.
Parameter
Value
Units
Total Number of Pixels in each module
5184
Elements
Number of pixels in Sections 1, 2 & 3
1344
Elements
Number of pixels in Section 4
1152
Elements
Pixel-to-pixel spacing
42.3
µm
Table 6. Electro-Optical Characteristics Common to all 3 Modules
Module: PI627MC-A4
Light source: 660nm RED LED
Parameter
Symbol
Value
Units
Note
Line scanning rate (1)
Tint
270
µsec
@ 5.0MHz
clock frequency
Clock frequency(2)
Fclk
5.0
MHz
Bright output voltage(3)(7)
Video Output
1.0
Volt
Bright output nonuniformity(4)
Up
< +/-30
%
Adjacent photo-response non-
uniformity(5)
Upn
<25
%
Dark nonuniformity(6)
Ud
< 100
mV
Dark output voltage(7)
Dark Level (DL)
< 450
mV
Modulation transfer function(8)
MTF
> 40
%
Table 7. PI627MC-A4 / 660nm Red LED Electro-Optical Characteristics
Module: PI628MC-A4
Light source: High Power Yellow-Green LED
Parameter
Symbol
Value
Units
Note
Line scanning rate (1)
Tint
270
µsec
@ 5.0MHz
clock frequency
Clock frequency(2)
Fclk
5.0
MHz
Bright output voltage(3)(7)
Video Output
0.5
Volt
Bright output nonuniformity(4)
Up
< +/-30
%
Adjacent photo-response non-
uniformity(5)
Upn
<25
%
Dark nonuniformity(6)
Ud
< 100
mV
Dark output voltage(7)
Dark Level (DL)
< 450
mV
Modulation transfer function(8)
MTF
> 40
%
Table 8. PI628MC-A4 / High Power Yellow-Green LED Electro-Optical Characteristics
Page 7 of 13, Revised 9-8-05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com