Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI627 Datasheet(PDF) 9 Page - AMI SEMICONDUCTOR

Part # PI627
Description  A Family of 600DPI CIS Modules, each with a specific LED light source
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

PI627 Datasheet(HTML) 9 Page - AMI SEMICONDUCTOR

Back Button PI627 Datasheet HTML 5Page - AMI SEMICONDUCTOR PI627 Datasheet HTML 6Page - AMI SEMICONDUCTOR PI627 Datasheet HTML 7Page - AMI SEMICONDUCTOR PI627 Datasheet HTML 8Page - AMI SEMICONDUCTOR PI627 Datasheet HTML 9Page - AMI SEMICONDUCTOR PI627 Datasheet HTML 10Page - AMI SEMICONDUCTOR PI627 Datasheet HTML 11Page - AMI SEMICONDUCTOR PI627 Datasheet HTML 12Page - AMI SEMICONDUCTOR PI627 Datasheet HTML 13Page - AMI SEMICONDUCTOR  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
PI627MC-A4 / PI628MC-A4 / PI629MC-A4 Engineering Data Sheet
_______________________________________________________________________
Recommended Operating Conditions at 25 °C
Table 10 lists the recommended operating conditions common to all three modules. Table 11 lists the
recommended operating conditions particular to each of the three LED light sources.
Parameter
Symbol
Min
Typical
Max
Units
Vdd (positive)
4.5
5.0
5.5
V
Vn (negative)
-10
-5
-4.0
V
Idd (positive)
60
66
75
mA
Power Supply
In (negative)
19
20
21
mA
Input voltage (high level)
Vih
Vdd - 1.0
Vdd -0.5
Vdd
V
Input voltage (low level)
Vil
0
0.6
V
Clock frequency
(1)
Fclk
0.518
5.5
MHz
Clock pulse high duty cycle
Duty
25
50
75
%
Clock pulse high duration
Pwck
46
ns
Integration time
(1)
Tint
82
150
µs
Operating temperature
Top
25
50
oC
Table 10. Recommended Operating Conditions at 25 °C, common to all 3 modules
LED Light Source
Parameter
Min
Typical
Max
Units
660nm Red LED
VLED
5.0
5.5
Volts
ILED
480
550
mA
High Power Yellow-Green LED
VLED
5.0
5.5
Volts
ILED
TBD
TBD
mA
Low Power Yellow-Green LED
VLED
5.0
5.5
Volts
ILED
TBD
TBD
mA
Table 11. Recommended Operating Conditions at 25 °C, for each LED
Note
1. The maximum clock speed is limited by the modules light source power, due to the low light power
associated with LED’s.
The minimum clock speed is determined by the longest tolerable integration time. Because of the
leakage current build up, the integration time is recommended to be no greater than 10 ms.
Page 9 of 13, Revised 2-23-04



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com