Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI627 Datasheet(PDF) 10 Page - AMI SEMICONDUCTOR

Part # PI627
Description  A Family of 600DPI CIS Modules, each with a specific LED light source
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

PI627 Datasheet(HTML) 10 Page - AMI SEMICONDUCTOR

Back Button PI627 Datasheet HTML 5Page - AMI SEMICONDUCTOR PI627 Datasheet HTML 6Page - AMI SEMICONDUCTOR PI627 Datasheet HTML 7Page - AMI SEMICONDUCTOR PI627 Datasheet HTML 8Page - AMI SEMICONDUCTOR PI627 Datasheet HTML 9Page - AMI SEMICONDUCTOR PI627 Datasheet HTML 10Page - AMI SEMICONDUCTOR PI627 Datasheet HTML 11Page - AMI SEMICONDUCTOR PI627 Datasheet HTML 12Page - AMI SEMICONDUCTOR PI627 Datasheet HTML 13Page - AMI SEMICONDUCTOR  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
PI627MC-A4 / PI628MC-A4 / PI629MC-A4 Engineering Data Sheet
_______________________________________________________________________
Reset Level and Video Sampling Time
Figure 3. Reset Level and Sample Time
Figure 3 shows the video signal waveform and details a single pixel. The signal output waveform is shown
referenced to the input clock waveform. Also shown is the terminology used to define the dark and bright
output levels and the recommended pixels sampling times.
The dark level is defined by using the module imaging on a black target or with the light source turned off.
The dark level is then measured from ground or 0 volts. The reset level is a reference level of the reset
switch, which is not necessarily at ground. The reason for this is that after the reset operation, the video
signal is passed through an amplifier, which may have some offsets. The difference between the dark level
and reset level is called the pedestal, PED. Hence, the reset level will sit below the dark level.
The video pixels, demonstrated in this graph, are ideal waveforms from a CIS module using a
phototransistor imaging structure. The video output at high speeds, such as 5.0 MHz, does not instantly rise
to its final value, although, if it is given enough time it would eventually approach its steady state value (in
order of milliseconds). However, at high speeds it is impractical to wait until a final stable value is reached.
The suggested sampling point is therefore a few nanoseconds prior to the signal falling edge.
Page 10 of 13, Revised 2-23-04



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com