Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI627 Datasheet(PDF) 6 Page - AMI SEMICONDUCTOR

Part # PI627
Description  A Family of 600DPI CIS Modules, each with a specific LED light source
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

PI627 Datasheet(HTML) 6 Page - AMI SEMICONDUCTOR

Back Button PI627 Datasheet HTML 2Page - AMI SEMICONDUCTOR PI627 Datasheet HTML 3Page - AMI SEMICONDUCTOR PI627 Datasheet HTML 4Page - AMI SEMICONDUCTOR PI627 Datasheet HTML 5Page - AMI SEMICONDUCTOR PI627 Datasheet HTML 6Page - AMI SEMICONDUCTOR PI627 Datasheet HTML 7Page - AMI SEMICONDUCTOR PI627 Datasheet HTML 8Page - AMI SEMICONDUCTOR PI627 Datasheet HTML 9Page - AMI SEMICONDUCTOR PI627 Datasheet HTML 10Page - AMI SEMICONDUCTOR Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
PI627MC-A4 / PI628MC-A4 / PI629MC-A4 Engineering Data Sheet
_______________________________________________________________________
Absolute Maximum Rating
Table 3 shows the absolute maximum ratings for the parameters common to all three modules. As each
module has its own particular LED source, table 4 shows the absolute maximum ratings particular to each of
the 3 LED light sources. These are the absolute maximum ratings and continuous operation is not
recommended.
Parameter
Symbol
Max Rating
Units
Vdd
7
V
Idd
100
mA
Vn
-15
V
Power Supply
In
20
mA
Input clock pulse (high level)
Vih
Vdd - 0.5V
V
Input clock pulse (low level)
Vil
-0.5
V
Table 3. Absolute Maximum Ratings Common to all 3 Modules
Parameter
Max Rating
Units
PI627MC-A4 /
660nm Red LED
PI628MC-A4 /
High Power
Yellow-Green LED
PI629MC-A4 /
Low Power
Yellow-Green LED
VLED
5.5
5.5
5.5
V
ILED
0.7
1.0
1.0
A
Table 4. LED Absolute Maximum Ratings
Environmental Specifications
Table 5 lists the environmental conditions for the modules.
Parameter
Max Rating
Units
Operating temperature
0 to 50
0C
Operating humidity
10 to 90
%
Storage temperature
-20 to+75
0C
Storage humidity
10 to 90
%
Table 5. Operating and Storage Environment
Page 6 of 13, Revised 8/31/05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com