Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI627 Datasheet(PDF) 8 Page - AMI SEMICONDUCTOR

Part # PI627
Description  A Family of 600DPI CIS Modules, each with a specific LED light source
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

PI627 Datasheet(HTML) 8 Page - AMI SEMICONDUCTOR

Back Button PI627 Datasheet HTML 4Page - AMI SEMICONDUCTOR PI627 Datasheet HTML 5Page - AMI SEMICONDUCTOR PI627 Datasheet HTML 6Page - AMI SEMICONDUCTOR PI627 Datasheet HTML 7Page - AMI SEMICONDUCTOR PI627 Datasheet HTML 8Page - AMI SEMICONDUCTOR PI627 Datasheet HTML 9Page - AMI SEMICONDUCTOR PI627 Datasheet HTML 10Page - AMI SEMICONDUCTOR PI627 Datasheet HTML 11Page - AMI SEMICONDUCTOR PI627 Datasheet HTML 12Page - AMI SEMICONDUCTOR Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
PI627MC-A4 / PI628MC-A4 / PI629MC-A4 Engineering Data Sheet
_______________________________________________________________________
Module: PI629MC-A4
Light source: Low Power Yellow-Green LED
Parameter
Symbol
Value
Units
Notes
Line scanning rate(1)
Tint
450
µsec
@ 3.0MHz
clock frequency
Clock frequency(2)
Fclk
3.0
MHz
Bright output voltage(3)(7)
Video Output
0.5
Volt
Bright output nonuniformity(4)
Up
< +/-30
%
Adjacent photo-response non-
uniformity(5)
Upn
<25
%
Dark nonuniformity(6)
Ud
< 100
mV
Dark output voltage(7)
Dark Level (DL)
< 350
mV
Modulation transfer function(8)
MTF
> 40
%
Table 9. PI629MC-A4 / Low Power Yellow-Green LED Electro-Optical Characteristics
Notes:
1. Tint is the line-scanning rate or integration time and is determined by the interval between two start
pulses, SP. The integration time listed for each module is the minimum integration time required to
give 0.5 volts output at each modules maximum clock frequency.
2. Fclk is the main clock frequency, also equals the pixel rate.
3. Video output level is dependent on the Integration time and LED light power.
4. Up = [Vp(max) - Vpavg] / Vpavg x 100% or [Vpavg - Vp(min)] / Vpavg} x 100%, whichever is
greater. Where Vp(max) = maximum pixel level, Vp(min) = minimum pixel level, and Vpavg =
average of all pixels.
5. Adjacent Photo-Response Non-Uniformity (Upn).
Upn = Max ((Vpn – Vpn+1) / Min (Vpn, Vpn+1)) x 100%, where Vpn is the pixel output voltage of
pixel n in the light.
6. Ud = Vdmax - Vdmin, where Vdmin is the minimum output voltage with LED off and Vdmax is
maximum output voltage with LED on.
7. See paragraph under Reset Level and Video Sampling Time on page 10 for explanation.
8. See the paragraph under Depth of Focus on page 11. A graph of the typical MTF vs Depth of Focus
is shown.
Page 8 of 13, Revised 9-08-05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com