Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1110BCPZ-R7 Datasheet(PDF) 35 Page - Analog Devices

Part # ADIN1110BCPZ-R7
Description  Robust, Industrial, Low Power 10BASE-T1L Ethernet MAC-PHY
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1110BCPZ-R7 Datasheet(HTML) 35 Page - Analog Devices

Back Button ADIN1110BCPZ-R7 Datasheet HTML 31Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 32Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 33Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 34Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 35Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 36Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 37Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 38Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 107 page
background image
Data Sheet
ADIN1110
MAC SPI
analog.com
Rev. B | 35 of 107
Data Chunks
Transmit data chunks consist of a 4-byte header followed by the
transmit data chunk payload, as shown in Figure 24.
Figure 24. Transmit Data Chunk
Receive data chunks consist of the receive data chunk payload
followed by a 4-byte footer, as shown in Figure 25
Figure 25. Receive Data Chunk
The default size of the data chunk payload is 64 bytes. This size
can be configured to 8 bytes, 16 bytes, 32 bytes, or 64 bytes via
the chunk payload selector bits. The data chunk size must be con-
figured before enabling data transmission or reception. Therefore,
when the data chunk size is configured, it must not be changed
without resetting the MAC-PHY.
Data Chunk Transactions
Data transactions consist of 1 to N chunks on SDO and SDI. The
4-byte data header occurs at the beginning of each transmit data
chunk on SDO, and the 4-byte data footer occurs at the end of
each data chunk on SDI. These headers and footers contain the
information needed to determine the validity and location of the
transmitted and received frames within the data chunk payload.
The Ethernet frames start at any 32-bit aligned word within the
payloads, as shown in Figure 26 and Figure 27.
Figure 26. Transmit Data Chunk Cases
Figure 27. Receive Data Chunk Cases



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com