Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1110BCPZ-R7 Datasheet(PDF) 17 Page - Analog Devices

Part # ADIN1110BCPZ-R7
Description  Robust, Industrial, Low Power 10BASE-T1L Ethernet MAC-PHY
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1110BCPZ-R7 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADIN1110BCPZ-R7 Datasheet HTML 13Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 14Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 15Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 16Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 17Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 18Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 19Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 20Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 107 page
background image
Data Sheet
ADIN1110
HARDWARE CONFIGURATION PINS
analog.com
Rev. B | 17 of 107
The ADIN1110 can operate in unmanaged or managed configura-
tions with the use of the hardware configuration pins.
The hardware configuration pins are standard pins with an alternate
bootstrap function. The ADIN1110 reads the configuration pin lev-
el immediately after power-up, hardware reset or software reset,
and configures the PHY settings accordingly. When activated, the
ADIN1110 immediately attempts to bring up a link on the PHY
and the hardware configuration pins can be used with their main
pin function. These pins can be used in unmanaged or managed
configuration.
The unmanaged configuration refers to the ADIN1110 PHY param-
eters being configured by the hardware configuration pins. This
mode can be used when the system requires a static configuration
of the ADIN1110 port settings without the need for software control.
The managed configuration refers to the full control of the
ADIN1110 using software via the SPI. The PHY and the MAC
layer can be configured in software. The configuration pins can
be connected to the external host or hardware configured using
pull-up/pull-down resistors. When active the host controller can
override any of the ADIN1110 configuration with the hardware pins
after power-up, hardware reset or software reset.
UNMANAGED APPLICATIONS
In unmanaged applications, it is possible to configure the ADIN1110
using the hardware configuration pins without any software inter-
vention.
The software power-down after reset must be disabled for unman-
aged applications, or the ADIN1110 remains in power-down indefi-
nitely because the device can only exit power-down from register
operation using the SPI (see the Software Power-Down Mode
section).
MANAGED APPLICATIONS
In managed applications, the ADIN1110 can be configured by a
host controller via the SPI. The host controller can dynamically
configure the device as required by the application.
In managed applications, the software power-down after reset func-
tionality can be enabled because the host controller brings the
ADIN1110 to active mode using the management interface.
HARDWARE CONFIGURATION PIN
FUNCTIONS
The following functions are configurable from the ADIN1110 hard-
ware configuration pins:
►
Software power-down mode after reset
►
Transmit amplitude configuration
►
Master/slave selection
►
SPI protocol configuration
All of the hardware configuration pins have internal pull-down resis-
tors. The default mode of operation without any external resistors
connected to these pins is shown in Table 11. If an alternative mode
of operation is required, use 4.7 kΩ pull-up resistors.
Table 11. Default Hardware Configuration Modes
Hardware Configuration Pin Function Default Mode
Software Power-Down Mode after
Reset
PHY in software power-down mode
after reset
Master/Slave Selection
Prefer slave
Transmit Amplitude
1.0 V p-p and 2.4 V p-p
SPI Protocol Configuration
OPEN Alliance protocol with protection
Table 12. Recommended Control for Hardware Configuration Pins
Required Pin
Level
Managed Configuration
Options
Unmanaged Configuration
Options
High
4.7 kΩ external pull-up resistor 4.7 kΩ external pull-up resistor
Host GPIO output high1
Low
External pull-down resistor
External pull-down resistor
Host GPIO output low1
Floating pin2
Host GPIO tristated2
Floating pin2
1 A low value series resistor is recommended.
2 An external pull-down resistor is recommended.
Software Power-Down After Reset
If the ADIN1110 is configured so that it does not enter software
power-down mode after reset, the ADIN1110 starts autonegotiation
when it exits reset and attempts to bring up a link after autonego-
tiation completes. If the ADIN1110 is configured so that it enters
software power-down mode after reset, the ADIN1110 waits in
software power-down mode until it is configured over the SPI.
At this point, the PHY configuration can be set to exit software
power-down by software.
Table 13. Software Power-Down (Hardware Configuration)
Software Power-Down Configuration
SWPD_EN
PHY in software power-down after reset
0
PHY not in software power-down
1
Master/Slave Preference
The MS_SEL hardware configuration pin is shared with the
TS_TIMER pin and configures the default master/slave selection.
If MS_SEL is pulled low during power-up or reset, the device
is configured by default to prefer slave (this is the case if no
external pull-up resistor is connected to the MS_SEL pin due to the
presence of the internal pull-down resistor). If MS_SEL is pulled
high during power-up or reset, the device is configured by default to
prefer master.
If autonegotiation is disabled, MS_SEL sets the default mas-
ter/slave selection. Autonegotiation is enabled by default for the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com