Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1110BCPZ-R7 Datasheet(PDF) 13 Page - Analog Devices

Part # ADIN1110BCPZ-R7
Description  Robust, Industrial, Low Power 10BASE-T1L Ethernet MAC-PHY
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1110BCPZ-R7 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADIN1110BCPZ-R7 Datasheet HTML 9Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 10Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 11Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 12Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 13Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 14Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 15Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 16Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 107 page
background image
Data Sheet
ADIN1110
THEORY OF OPERATION
analog.com
Rev. B | 13 of 107
MASTER/SLAVE CONFIGURATION
The 10BASE-T1L standard uses a master/slave clock scheme. This
scheme is commonly used in full duplex transceiver standards with
echo cancellation.
On a 10BASE-T1L link, one PHY is designated as the master, and
the other PHY as the slave. Autonegotiation is used to determine
which PHY is the master and which is the slave. Master and slave
assignment does not generally matter.
Software Configuration
The master and slave configuration bit (CFG_MST) is used to
configure the PHY role. This bit is only used when autonegotiation
is disabled. Otherwise, this bit is set or reset during the autonego-
tiation process (see the Autonegotiation section).
Table 9. CFG_MST Settings
Bit Setting
Description
0
Prefer slave
1
Prefer master
AUTONEGOTIATION
The ADIN1110 uses the autonegotiation capability in accordance
with IEEE 802.3 Clause 98, providing a mechanism for exchanging
information between PHYs to allow link partners to agree to a
common mode of operation. During the autonegotiation process,
the PHY advertises its own capabilities and compares to those
received from the link partner. The concluded operating mode is
the transmit amplitude mode and master/slave preference common
across the two devices.
If a link is dropped, the autonegotiation process restarts automati-
cally. An autonegotiation restart can also be requested by writing
to the autonegotiation restart bit (AN_RESTART) in the autonego-
tiation control register.
The autonegotiation process takes some time to complete, depend-
ing on the number of pages exchanged, but is always the fastest
way to bring up a link. Clause 98 of the IEEE 802.3 standard details
the timers related to autonegotiation.
Note that autonegotiation is enabled by default for the ADIN1110,
and it is strongly recommended that autonegotiation is always
enabled.
Transmit Amplitude Resolution
Autonegotiation is used to resolve the transmit amplitude resolution.
The PHY can be configured to support both 1.0 V p-p and 2.4 V
p-p transmit levels or to operate with 1.0 V p-p transmit level only
through the hardware configuration (see Table 15). This configura-
tion can also be done in software using the 10BASE-T1L high level
transmit operating mode ability (AN_ADV_B10L_TX_LVL_HI_ABL)
and 10BASE-T1L high level transmit operating mode request
(AN_ADV_B10L_TX_LVL_HI_REQ) register bits.
To operate at 2.4 V p-p transmit level, both the local and remote
PHYs must advertise that they are capable of operating at 2.4
V, and at least one PHY must request 2.4 V p-p transmit level
operation.
If it is required to only operate the PHY at 1.0 V p-p transmit
level operation, AN_ADV_B10L_TX_LVL_HI_ABL must be 0 so
that 2.4 V p-p transmit level operation is not advertised. In this
case, autonegotiation can only resolve to 1.0 V p-p transmit level
operation, irrespective of what setting the remote PHY advertises.
Master/Slave Resolution
Autonegotiation is also used to resolve master or slave status. The
PHY can be configured to prefer slave or prefer master through
the hardware configuration (see Table 14). If autonegotiation is
disabled, the MS_SEL hardware configuration pin sets the default
master/slave selection. Note that the recommended use of the
ADIN1110 is with autonegotiation enabled.
During autonegotiation, when prefer slave is selected, and the
remote end is prefer or forced master, the local PHY is set to slave
(and remote to master). When the remote end is prefer or forced
slave, the local PHY is set to master (and remote to slave).
MDI
The media dependent interface (MDI) connects the ADIN1110 to
the Ethernet network via a twisted wire pair.
The ADIN1110 requires an external hybrid between the TXN/TXP
and RXN/RXP pins and the twisted wire pair. This external hybrid
allows the system to have full duplex communication by removing
the local transmit signal from the combined signal on the cable,
leaving the desired receive signal.
The ADIN1110 hybrid requires a specific topology and values for
proper operation. Figure 10 shows the topology and values for
the components. Consider the size, power, and voltage rating of
these components in the context of other system requirements, for
example, requirements of intrinsic safety.
Figure 10. Recommended Hybrid for the ADIN1110



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com