Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1110BCPZ-R7 Datasheet(PDF) 43 Page - Analog Devices

Part # ADIN1110BCPZ-R7
Description  Robust, Industrial, Low Power 10BASE-T1L Ethernet MAC-PHY
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1110BCPZ-R7 Datasheet(HTML) 43 Page - Analog Devices

Back Button ADIN1110BCPZ-R7 Datasheet HTML 39Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 40Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 41Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 42Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 43Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 44Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 45Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 46Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 47Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 107 page
background image
Data Sheet
ADIN1110
MAC SPI
analog.com
Rev. B | 43 of 107
To forward frames with this DA to the host, set the TO_HOST
bit within the ADDR_FILT_UPRn to 1. To apply this rule, set the
APPLY2PORT1 bit to 1.
MAC addresses can be masked using the ADDR_MSK_x registers.
For example, to receive all the MAC addresses in the range 0x8000
005A 64xx, write:
1. 0xFFFF to ADDR_MSK_UPR0.
2. 0XFFFFFF00 to ADDR_MSK_LWR0.
Frames that do not match any of the 16 ADDR_FILT_x registers
are dropped by default. If the P1_FWD_UNK2HOST bits within the
CONFIG2 register are set to 1, all frames that do not match a DA
are forwarded to the host. Figure 30 shows the filtering algorithm.
Figure 30. Filtering Algorithm
Frames received with a bad CRC or with RX_ER asserted from the
PHY, as well as runt and jabber frames, are dropped and counted.
Receive Priority Queues
There are two different FIFOs on receive: a high priority FIFO and a
low priority FIFO.
By default, the low priority FIFO is configured to 12 kB, and the
high priority FIFO is configured to 8 kB. The sizes of these FIFOs
can be changed before receiving or transmitting any frames via
the P1_RX_LO_SIZE and P1_RX_HI_SIZE fields in the FIFO_SIZE
register.
Frames are always returned from the high priority FIFO first.
Statistics Counters
There are 15 32-bit counters on the receive port that increment on
each frame transmit and receive.
Table 37. Statistics Counters
Name
Description
P1_RX_FRM_CNT
Rx frame count
P1_RX_UCAST_CNT
Rx unicast frame count
P1_RX_MCAST_CNT
Rx multicast frame count
P1_RX_BCAST_CNT
Rx broadcast frame count
P1_RX_CRC_ERR_CNT
Rx CRC errored frame count
P1_RX_ALGN_ERR_CNT
Rx alignment error count
P1_RX_PHY_ERR_CNT
Rx PHY error count
P1_RX_LS_ERR_CNT
Rx long and short frame error count
P1_TX_FRM_CNT
Tx frame count
P1_TX_UCAST_CNT
Tx unicast frame count
P1_TX_MCAST_CNT
Tx multicast frame count
P1_TX_BCAST_CNT
Tx broadcast frame count
P1_RX_DROP_FULL_CNT
Rx frames dropped due to FIFO full
P1_RX_DROP_FILT_CNT
Rx frames dropped due to filtering
P1_RX_IFG_ERR_CNT
Rx frames received with interframe gap (IFG)
errors
Receive Drop FIFO Full Counter
Before the first byte of a received frame is written into the appropri-
ate receive FIFO, the space in the FIFO is checked. If there is
no space for at least 256 bytes, the frame is dropped and the
P1_RX_DROP_FULL_CNT counter increments. If there is space
for at least 256 bytes in the FIFO, the logic commences writing
the frame to the receive FIFO. If the received frame exceeds 256
bytes and the receive FIFO fills, the frame is dropped and the
P1_RX_DROP_FULL_CNT counter increments.
Frame Receive and Transmit Errors
By default, all received errored frames are dropped and counted.
Received errored frames do not generate interrupts. Instead, they
are dropped and counted, and the software must monitor the
statistics counters.
SRAM ECC Error
When writing a frame to the FIFO, the size of the frame is inserted
in a 16-bit word at the front of the frame and written to the FIFO. A
5-bit error correction code (ECC) is placed alongside the size field.
When this location is read from static random-access memory
(SRAM), the ECC is checked. If a double bit error is detected,
the RX_ECC_ERR or TX_ECC_ERR bits of the STATUS1 register
assert. If a double bit error is detected on reading a frame header
from the receive FIFO, the frame is not transmitted.
In response to an ECC error, a FIFO automatically clears. All
frames in the FIFO are lost, transmission stops, and a bad CRC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com