Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1110BCPZ-R7 Datasheet(PDF) 48 Page - Analog Devices

Part # ADIN1110BCPZ-R7
Description  Robust, Industrial, Low Power 10BASE-T1L Ethernet MAC-PHY
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1110BCPZ-R7 Datasheet(HTML) 48 Page - Analog Devices

Back Button ADIN1110BCPZ-R7 Datasheet HTML 44Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 45Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 46Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 47Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 48Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 49Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 50Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 51Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 52Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 107 page
background image
Data Sheet
ADIN1110
REGISTERS
analog.com
Rev. B | 48 of 107
Table 41. Bit Descriptions for CAPABILITY (Continued)
Bits
Bit Name
Description
Reset
Access
3
RESERVED
Reserved.
0x0
R
[2:0]
MINCPS
Minimum Supported Chunk Payload Size (CPS). Indicates the minimum size chunk payload that can be
configured into the CPS field of the CONFIG0 register. The minimum supported chunk payload size is 2^N,
where N is the value of these bits. This field is only used with the OPEN Alliance SPI protocol.
0x3
R
110: minimum supported chunk payload size is 64 bytes.
101: minimum supported chunk payload size is 32 bytes.
100: minimum supported chunk payload size is 16 bytes.
011: minimum supported chunk payload size is 8 bytes.
Reset Control and Status Register
Address: 0x03, Reset: 0x00000000, Name: RESET
Table 42. Bit Descriptions for RESET
Bits
Bit Name
Description
Reset
Access
[31:1]
RESERVED
Reserved.
0x0
R
0
SWRESET
Software Reset. MAC-PHY Software Reset. The action of writing a 1 to this bit fully resets the MAC-PHY,
including the integrated PHY, to an initial state including, but not limited to, resetting all state machines and
registers to their default value. When this bit is set, the reset does not occur until CS is deasserted to allow for
the control command write to complete. CS must be held asserted for at least 100 ns for the reset to take effect.
This bit is self clearing.
0x0
W
Configuration Register 0
Address: 0x04, Reset: 0x00000006, Name: CONFIG0
Table 43. Bit Descriptions for CONFIG0
Bits
Bit Name
Description
Reset
Access
[31:16]
RESERVED
Reserved.
0x0
R
15
SYNC
Configuration Synchronization. The state of this bit is reflected in the Rx footer SYNC bit. This bit defaults
to 0 upon reset. When written to a 1 by the SPI host, writing 0 does not clear this bit. Immediately after any
reset, the SYNC bit clears to 0 and RESETC bit is set to 1, and the interrupt pin asserts.
0x0
R/W1S
0: the MAC-PHY has reset and is not configured.
1: the MAC-PHY is configured.
14
TXFCSVE
Transmit Frame Check Sequence Validation Enable. When set, the final 4 octets of all Ethernet frames
received are validated. CRC_APPEND must be 0 if this bit is set. That is, the MAC must not be configured
to append a CRC to each transmitted frame.
0x0
R/W
13
CSARFE
CS Align Receive Frame Enable. When set, all receive Ethernet frames data only start at the beginning of
the first receive chunk payload following CS assertion. The start word offset (SWO) is always 0. Receive
frames can begin within any receive chunk when this bit is clear. Only applies to the OPEN Alliance SPI
Protocol.
0x0
R/W
12
ZARFE
Zero Align Receive Frame Enable. When set, all receive Ethernet frames data are aligned to start at the
beginning of the receive chunk payload with a SWO of 0. Receive frames can begin anywhere within the
receive chunk payload when this bit is clear. Only applies to the OPEN Alliance SPI protocol.
0x0
R/W
[11:10]
TXCTHRESH
Transmit Credit Threshold. This field configures the number of transmit credits (TXC) of free buffer that
must be available for writing before IRQn is asserted. 00 ≥ 1 credit (default), 01 ≥ 4 credits, 10 ≥ 8 credits,
and 11 ≥ 16 credits. Only applies to the OPEN Alliance SPI Protocol.
0x0
R/W
00: ≥1 credit.
01: ≥4 credit.
10: ≥8 credit.
11: ≥16 credit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com