Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1110BCPZ-R7 Datasheet(PDF) 54 Page - Analog Devices

Part # ADIN1110BCPZ-R7
Description  Robust, Industrial, Low Power 10BASE-T1L Ethernet MAC-PHY
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1110BCPZ-R7 Datasheet(HTML) 54 Page - Analog Devices

Back Button ADIN1110BCPZ-R7 Datasheet HTML 50Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 51Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 52Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 53Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 54Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 55Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 56Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 57Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 58Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 107 page
background image
Data Sheet
ADIN1110
REGISTERS
analog.com
Rev. B | 54 of 107
Table 51. Bit Descriptions for TTSCAL
Bits
Bit Name
Description
Reset
Access
[31:0]
TTSCL_A
Transmit Time Stamp A. Bits[31:0].
0x0
R
Transmit Time Stamp Capture Register B (High)
Address: 0x12, Reset: 0x00000000, Name: TTSCBH
This field contains the upper 32 bits of the captured time stamp for when the requested frame was transmitted.
Table 52. Bit Descriptions for TTSCBH
Bits
Bit Name
Description
Reset
Access
[31:0]
TTSCH_B
Transmit Time Stamp B. Bits[63:32].
0x0
R
Transmit Time Stamp Capture Register B (Low)
Address: 0x13, Reset: 0x00000000, Name: TTSCBL
This field contains the lower 32 bits of the captured time stamp for when the requested frame was transmitted.
Table 53. Bit Descriptions for TTSCBL
Bits
Bit Name
Description
Reset
Access
[31:0]
TTSCL_B
Transmit Time Stamp B. Bits[31:0].
0x0
R
Transmit Time Stamp Capture Register C (High)
Address: 0x14, Reset: 0x00000000, Name: TTSCCH
This field contains the upper 32 bits of the captured time stamp for when the requested frame was transmitted.
Table 54. Bit Descriptions for TTSCCH
Bits
Bit Name
Description
Reset
Access
[31:0]
TTSCH_C
Transmit Time Stamp C. Bits[63:32].
0x0
R
Transmit Time Stamp Capture Register C (Low)
Address: 0x15, Reset: 0x00000000, Name: TTSCCL
This field contains the lower 32 bits of the captured time stamp for when the requested frame was transmitted.
Table 55. Bit Descriptions for TTSCCL
Bits
Bit Name
Description
Reset
Access
[31:0]
TTSCL_C
Transmit Time Stamp C. Bits[31:0].
0x0
R
MDIO Access Registers
Address: 0x20 to 0x27 (Increments of 1), Reset: 0x8C000000, Name: MDIOACCn
Use this register to access the PHY registers via the SPI to MDIO bridge.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com