Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1110BCPZ-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADIN1110BCPZ-R7
Description  Robust, Industrial, Low Power 10BASE-T1L Ethernet MAC-PHY
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1110BCPZ-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADIN1110BCPZ-R7 Datasheet HTML 10Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 11Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 12Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 13Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 14Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 15Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 16Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 17Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 107 page
background image
Data Sheet
ADIN1110
THEORY OF OPERATION
analog.com
Rev. B | 14 of 107
RESET OPERATION
The ADIN1110 supports the following chip resets:
►
Power-on reset
►
Hardware reset
►
Software reset
►
MAC subsystem reset
►
PHY subsystem reset
All of these resets put the ADIN1110, including the PHY core and
MAC, into a known state. Whenever the MAC is reset, the SDO pin
is pulled down and the TS_TIMER pin is driven to a low state.
Power-On Reset
The ADIN1110 includes power monitoring circuitry to monitor all of
the supplies. During power-up, the ADIN1110 is held in hardware
reset until each of the supplies has crossed its minimum rising
threshold value and the power is considered good.
The POR module includes brownout protection by monitoring the
supplies to detect if one or more of the supplies falls below a
minimum falling threshold value. If brownout detection occurs, the
device is held in hardware reset until the power is good.
Hardware Reset
A hardware reset is initiated by the power-on reset circuitry or
by asserting the RESET pin low. Bring the RESET pin low for a
minimum of 10 µs. Deglitch circuitry is included on this pin to reject
pulses shorter than 0.3 μs.
When the RESET pin is deasserted, all the input/output (I/O) pins
are held in tristate mode, the hardware configuration pins are latch-
ed, and the I/O pins are configured for their functional mode. When
all the external and internal supplies are valid and stable, the crystal
oscillator circuit is enabled. After the crystal starts up and stabilizes,
the phase-locked loop PLL is enabled. After approximately 50 ms
(maximum) from the deassertion of the RESET pin, all the internal
clocks are valid, internal logic is released from reset, and all the
management interface registers are accessible so that the device
can be programmed.
Software Reset
A full chip software reset can be initiated by writing 1 to the
SWRESET field of the RESET register.
If a transmission is taking place when the SPI software reset is initi-
ated, the frame transmission stops abruptly and a runt or a frame
with a bad cyclic redundancy check (CRC) may be transmitted.
Once the MAC-PHY is reset, the ADIN1110 is ready to bring up
links.
When this software reset is initiated, a full initialization of the chip,
almost equivalent to a hardware reset, is done. The I/O pins are
held in tristate mode, the hardware configuration pins are latched,
and the I/O pins are configured for their functional mode. The crys-
tal oscillator circuit is enabled, and after the crystal starts up and
stabilizes, the PLL is enabled. Approximately 10 ms (maximum)
after writing the SOFT_RST keys, the internal logic is released from
reset and all the management interface registers are accessible.
MAC Subsystem Reset
A MAC only software reset is initiated by writing the required pair of
keys to the SOFT_RST register.
The reset is applied for about 1.2 µs. The MAC subsystem reset
interrupts any transmit/receive packet exchange between the MAC
and the PHY, but does not drop any existing link nor prevents
a link from establishing. The PHY management registers are not
initialized.
The PHY needs to be out of software power-down to trigger a MAC
only software reset.
PHY Subsystem Reset
The PHY subsystem is the part of the ADIN1110 that incorporates
the 10BASE-T1L PHY transceiver analog and digital circuits. A
PHY subsystem reset is initiated by setting the PHY subsystem
reset register bit (CRSM_PHY_SUBSYS_RST). When this bit is
set, the PHY subsystem is reset. The reset is applied for about
1.2 µs and then this bit self clears. All of the PHY digital circuitry
is reset and any existing link drops. The management registers
are not initialized by this reset, and access to all the management
registers is available during the PHY subsystem reset. This is a
short reset and can be used to put the device into a known state
while retaining any software initialization of the device.
LED FUNCTIONS
LED_0 and LED_1 can be configured to display various activities
of the ADIN1110 using the LED function feature. The LED function
is configurable using the LED0_FUNCTION and LED1_FUNCTION
bits (see the LED Control Register section).
The 7, 8, 9, and 10 (decimal) bit settings for LEDx_FUNCTION are
not available in LED Mode 2.
Table 10. LED_x Pins Configuration Summary
Parameter
LED_0
LED_1
Pin Number
3
6
Internal Pull-Up or Pull-
Down Resistor
Pull-up
Pull-down



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com