Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1110BCPZ-R7 Datasheet(PDF) 41 Page - Analog Devices

Part # ADIN1110BCPZ-R7
Description  Robust, Industrial, Low Power 10BASE-T1L Ethernet MAC-PHY
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1110BCPZ-R7 Datasheet(HTML) 41 Page - Analog Devices

Back Button ADIN1110BCPZ-R7 Datasheet HTML 37Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 38Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 39Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 40Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 41Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 42Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 43Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 44Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 45Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 107 page
background image
Data Sheet
ADIN1110
MAC SPI
analog.com
Rev. B | 41 of 107
7. Write MDIOACC6 with MDIO_DATA = the address of Register
XYZ and TRDONE = 0x0.
8. Write MDIOACC7 with the write data for Register XYZ,
MDIO_OP = 0x1, and TRDONE = 0x0.
9. Host polls MDIOACC7. TRDONE = 0x1 to verify that all write
data operations are complete.
Example burst read starting from Register XYZ:
1. Write MDIOACC0 with MDIO_DATA = the address of the Regis-
ter XYZ, MDIO_OP = 0x0(ADDR), and TRDONE = 0x0
2. Write MDIOACC1 with MDIO_OP = 0x2(INC_RD) and
TRDONE = 0x0.
3. Write MDIOACC2 with MDIO_OP = 0x2(INC_RD) and
TRDONE = 0x0.
4. Write MDIOACC3 with MDIO_OP = 0x2(INC_RD) and
TRDONE = 0x0.
5. Write MDIOACC4 with MDIO_OP = 0x2(INC_RD) and
TRDONE = 0x0.
6. Write MDIOACC5 with MDIO_OP = 0x2(INC_RD) and
TRDONE = 0x0.
7. Write MDIOACC6 with MDIO_OP = 0x2(INC_RD) and
TRDONE = 0x0.
8. Write MDIOACC7 with MDIO_OP = 0x2(INC_RD) and
TRDONE = 0x0.
9. Poll MDIOACC7. TRDONE = 1 to verify that all read data
operations are complete.
10. Read MDIOACC1. MDIO_DATA, reflects the content of Register
XYZ.
11. Read MDIOACC2. MDIO_DATA, reflects the content of register
at address XYZ. ADDR + 1.
12. Read MDIOACC3. MDIO_DATA, reflects the content of register
at address XYZ. ADDR + 2.
13. Read MDIOACC4. MDIO_DATA, reflects the content of register
at address XYZ. ADDR + 3.
14. Read MDIOACC5. MDIO_DATA, reflects the content of register
at address XYZ. ADDR + 4.
15. Read MDIOACC6. MDIO_DATA, reflects the content of register
at address XYZ. ADDR + 5.
16. Read MDIOACC7. MDIO_DATA, reflects the content of register
at address XYZ. ADDR + 6.
Example of Clause 22 write of Register XYZ:
1. Write MDIOACC0 with MDIO_DATA = write data,
MDIO_DEV_AD = the address of the Register XYZ,
MDIO_PRTAD = 0x1, MDIO_OP = 0x1(WR), MDIO_ST =
0x1(Clause 22), and TRDONE = 0x0.
2. Poll MDIOACC0. TRDONE= 0x1 to determine that the write
data operation is complete.
Example of Clause 22 read of Register XYZ:
1. Write MDIOACC0 with MDIO_DEV_AD = the address of the
Register XYZ, MDIO_PRTAD = 0x1, MDIO_OP = 0x3(RD),
MDIO_ST = 0x1(Clause 22), and TRDONE = 0x0.
2. Poll MDIOACC0. TRDONE = 0x1 to determine that the read
operation is complete. MDIO_DATA reflects the contents of
MDIO Register XYZ.
Example of Clause 22 write and read back of Register XYZ:
1. Write MDIOACC0 with MDIO_DATA = write data,
MDIO_DEV_AD = the address of the Register XYZ,
MDIO_PRTAD = 0x1, MDIO_OP = 0x1(WR), MDIO_ST =
0x1(Clause 22), and TRDONE = 0x0.
2. Write MDIOACC1 with MDIO_DEV_AD = the address of the
Register XYZ, MDIO_PRTAD = 0x1, MDIO_OP = 0x3(RD),
MDIO_ST = 0x1(Clause 22), and TRDONE = 0x0.
3. Poll MDIOACC1. TRDONE = 0x1 to determine that the read
operation is complete. MDIO_DATA reflects the contents of
MDIO Register XYZ.
MDIO PHY Address Determination
The MDIO PHY address for the ADIN1110 PHY is 0x1.
PHY Registers Contents
The PHY registers provide access to control and status information
in the management registers.
The registers of the PHY Clause 45 register map are made up of
four device address groupings (see Table 36) based on the MDIO
manageable device (MMD). Within each device address space,
IEEE standard registers are located in register addresses between
0x0000 and 0x7FFF, and vendor specific registers are located in
register addresses from 0x8000 to 0xFFFF.
Table 36. Clause 45 Register Groupings
Device Address
MMD Name
0x01
Physical medium attachment (PMA)/physical medium
dependent (PMD)
0x03
Physical coding sublayer (PCS)
0x07
Autonegotiation
0x1E
Vendor Specific 1
Clause 45 can access to up to 32 PHYs consisting of up to 32
MMDs through a single MDIO interface.
The default value of some of the registers are determined by the
value of the hardware configuration pins, which are read just after
the RESET pin is deasserted. In these cases, the reset value
in the register table is listed as pin dependent, which allows the
default operation of the ADIN1110 to be configured without having
to write to it over the SPI. This method is useful in unmanaged
applications where the desired operation of the PHY is configured
from the hardware configuration pins without any software interven-
tion. For unmanaged applications, do not configure the PHY to
enter software power-down mode after reset to ensure that the PHY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com