Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA6402 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # TDA6402
Description  5 V mixers/oscillators and synthesizers for cable TV and VCR 2-band tuners
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA6402 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button TDA6402 Datasheet HTML 3Page - NXP Semiconductors TDA6402 Datasheet HTML 4Page - NXP Semiconductors TDA6402 Datasheet HTML 5Page - NXP Semiconductors TDA6402 Datasheet HTML 6Page - NXP Semiconductors TDA6402 Datasheet HTML 7Page - NXP Semiconductors TDA6402 Datasheet HTML 8Page - NXP Semiconductors TDA6402 Datasheet HTML 9Page - NXP Semiconductors TDA6402 Datasheet HTML 10Page - NXP Semiconductors TDA6402 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
2000 Jan 24
7
Philips Semiconductors
Product specification
5 V mixers/oscillators and synthesizers for
cable TV and VCR 2-band tuners
TDA6402; TDA6402A;
TDA6403; TDA6403A
Fig.2
Pin configuration for TDA6402 and
TDA6402A.
handbook, halfpage
UHFIN1
UHFIN2
VHFIN
RFGND
IFFIL1
IFFIL2
PVHFL
PVHFH
PUHF
FMST
SW
CE/AS
DA
CL
UHFOSCIB2
UHFOSCOC2
UHFOSCOC1
UHFOSCIB1
OSCGND
VHFOSCIB
VHFOSCOC
GND
IFOUT
VCC
XTAL
VT
CP
LOCK/ADC
1
2
3
4
5
6
7
8
9
10
11
12
13
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
TDA6402
TDA6402A
MGE690
Fig.3
Pin configuration for TDA6403 and
TDA6403A.
handbook, halfpage
UHFIN1
UHFIN2
VHFIN
RFGND
IFFIL1
IFFIL2
PVHFL
PVHFH
PUHF
FMST
SW
CE/AS
DA
CL
UHFOSCIB2
UHFOSCOC2
UHFOSCOC1
UHFOSCIB1
OSCGND
VHFOSCIB
VHFOSCOC
GND
IFOUT
VCC
XTAL
VT
CP
LOCK/ADC
1
2
3
4
5
6
7
8
9
10
11
12
13
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
TDA6403
TDA6403A
MGE691
PLL FUNCTIONAL DESCRIPTION
The device is controlled via the I2C-bus or the 3-wire bus,
depending on the voltage applied on the SW input.
A HIGH-level on the SW input enables the 3-wire bus;
CE/AS, DA and CL inputs are used as enable (CE), data
and clock inputs respectively. A LOW-level on SW input
enables the I2C-bus; the CE/AS, DA and CL inputs are
used as address selection (AS), SDA and SCL input
respectively (see Table 2).
Table 2
Bus mode selection
SYMBOL
PIN
3-WIRE BUS MODE
I2C-BUS MODE
TDA6402;
TDA6402A
TDA6403;
TDA6403A
SW
11
18
HIGH-level or OPEN
LOW-level or GND
CE/AS
12
17
enable input
address selection input
DA
13
16
data input
serial data input
CL
14
15
clock input
serial clock input
LOCK/ADC
15
14
LOCK/TEST output
ADC input/TEST output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com