Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA6402 Datasheet(PDF) 20 Page - NXP Semiconductors

Part # TDA6402
Description  5 V mixers/oscillators and synthesizers for cable TV and VCR 2-band tuners
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA6402 Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button TDA6402 Datasheet HTML 16Page - NXP Semiconductors TDA6402 Datasheet HTML 17Page - NXP Semiconductors TDA6402 Datasheet HTML 18Page - NXP Semiconductors TDA6402 Datasheet HTML 19Page - NXP Semiconductors TDA6402 Datasheet HTML 20Page - NXP Semiconductors TDA6402 Datasheet HTML 21Page - NXP Semiconductors TDA6402 Datasheet HTML 22Page - NXP Semiconductors TDA6402 Datasheet HTML 23Page - NXP Semiconductors TDA6402 Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 40 page
background image
2000 Jan 24
20
Philips Semiconductors
Product specification
5 V mixers/oscillators and synthesizers for
cable TV and VCR 2-band tuners
TDA6402; TDA6402A;
TDA6403; TDA6403A
5. The frequency drift is defined as a change in oscillator frequency when the ambient temperature varies from
Tamb =25to50 °C or from Tamb =25to0 °C. The oscillator is free running during this measurement. The VHF drift
value can be improved by adding a 10 k
Ω resistor between the VHFOSCOC pin and the VCC. In that case the typical
VHF drift value can be reduced to 900 kHz.
6. Switch-on drift is defined as the change in oscillator frequency between 5 s and 15 min after switch on. The oscillator
is free running during this measurement.
7. The ripple susceptibility is measured for a 500 kHz ripple at the IF output using the measurement circuit of Fig.19;
the level of the ripple signal is increased until a difference of 53.5 dB occurs between the IF carrier fixed at 100 dB
µV
and the sideband components.
8. This is the level of divider interferences close to the IF frequency. For example channel C: fOSC = 179 MHz,
1
⁄4 fOSC = 44.75 MHz. Divider interference is measured with the Philips 37185 demonstration board in accordance
with Fig.19. All ground pins are connected to a single ground plane under the IC. The VHFIN input must be left open
(i.e. not connected to any load or cable); The UHFIN1 and UHFIN2 inputs are connected to a hybrid.
The measured levels of divider interference are influenced by layout, grounding and port decoupling.
The measurement results could vary by as much as 10 dB with respect to the specification.
9. Crystal oscillator interference means the 4 MHz sidebands caused by the crystal oscillator. The rejection has to be
greater than 60 dB for an IF output signal of 100 dB
µV.
10. The reference frequency rejection is the level of reference frequency sidebands related to the sound sub-carrier.
The rejection has to be greater than 50 dB for an IF output signal of 100 dB
µV.
11. Channel 6 beat is the interfering product of fRFpix +fRFsnd − fOSC of channel 6 at 42 MHz.
12. Channel A-5 beat is the interfering product of fRFpix, fIF and fOSC of channel A-4; fBEAT = 45.5 MHz. The possible
mechanisms are: fOSC − 2 × fIF or 2 × fRFpix − fOSC. For the measurement VRF =80dBµV.
Fig.9 Input admittance (S11) of the VHF mixer input (40 to 400 MHz); Y0 = 20 mS.
handbook, full pagewidth
MGE722
0.2
2
1
0.5
10
5
0.2
2
1
0.5
10
5
∞
0
+ j
– j
0.2
0.5
1
2
5
10
40 MHz
400 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com